Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7793V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA7793V
Description  With Driver amplifier for ADC AGC amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7793V Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA7793V Datasheet HTML 1Page - Sanyo Semicon Device LA7793V Datasheet HTML 2Page - Sanyo Semicon Device LA7793V Datasheet HTML 3Page - Sanyo Semicon Device LA7793V Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LA7793V
No.A1146-3/4
Block Diagram
16
15
14
13
12
11
10
9
AGC
VCC VCC VCC
VCC
IF AGC Input
IF
Step Gain Amp
Driver Amp
1
2
3
4
5
6
7
8
Step Gain Contrpl Switch
IF Input
A/D Converter
A/D Converter
Please connect only one pin to a ground among Pins 3, 4, 5, 6 and 7.
Pin Function
Pin No.
Function
Equivalent circuit
1
16
IF input.
1k
1k
1
16
Bias
2
GND
3
4
5
6
7
Step Gain Control Switch.
Bias
8
9
Driver Output.
VCC
8
9
40
40
5.7mA
5.7mA
10
GND
Continued on next page.


Similar Part No. - LA7793V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7790M SANYO-LA7790M Datasheet
174Kb / 14P
   QPSK Transmitter for Cable TV
LA7791T SANYO-LA7791T Datasheet
69Kb / 4P
   For CATV/Cable Modem Variable Gain Controlled Amplifier
LA7795T SANYO-LA7795T Datasheet
184Kb / 8P
   AGC Amplifier with Step Gain Control
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
More results

Similar Description - LA7793V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
OKI electronic componet...
KGF2441 OKI-KGF2441 Datasheet
88Kb / 6P
   AGC Amplifier
logo
Texas Instruments
SN761643 TI1-SN761643_14 Datasheet
520Kb / 8P
[Old version datasheet]   AGC AMPLIFIER
SN761666 TI-SN761666 Datasheet
156Kb / 9P
[Old version datasheet]   AGC AMPLIFIER
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
SN761663 TI-SN761663 Datasheet
211Kb / 9P
[Old version datasheet]   AGC Amplifier
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
   622Mbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com