Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA6585M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA6585M
Description  For Motor Driver BTL Driver Single-Phase Full-Wave
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6585M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA6585M Datasheet HTML 1Page - Sanyo Semicon Device LA6585M Datasheet HTML 2Page - Sanyo Semicon Device LA6585M Datasheet HTML 3Page - Sanyo Semicon Device LA6585M Datasheet HTML 4Page - Sanyo Semicon Device LA6585M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LA6585M
No.8776-3/5
Package Dimensions
unit : mm (typ)
3086B
Block Diagram
SANYO : MFP10S(225mil)
1
10
5
6
(0.5)
1.0
0.35
5.0
0.15
ILA07116
0
200
1200
1000
600
400
120
-30
90
60
030
800
384
Mounted on a specified board:
114.3mm
×76.1mm×1.6mm,
glass epoxy
Pd max - Ta
Ambient temperature, Ta -
°C
H
1.5VRG
FG
OUT1
OUT2
HB
VCC
IN+
IN-
GND
Discharge pulse
Control
circuit
Charge discharge
RD
CT=0.47 to 1
µF


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn