Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA6585M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA6585M
Description  For Motor Driver BTL Driver Single-Phase Full-Wave
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6585M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA6585M Datasheet HTML 1Page - Sanyo Semicon Device LA6585M Datasheet HTML 2Page - Sanyo Semicon Device LA6585M Datasheet HTML 3Page - Sanyo Semicon Device LA6585M Datasheet HTML 4Page - Sanyo Semicon Device LA6585M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA6585M
No.8776-2/5
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
15
V
Allowable power dissipation
Pd max
Mounted on a specified board*
800
mW
Output current
IOUT max
0.7
A
Output withstand voltage
VOUT max
15
V
RD/FG output pin output withstand
voltage
VRD/FG max
15
V
RD/FG output current
IRD/FG max
10
mA
HB output current
IB max
10
mA
Operating temperature
Topr
-30 to +90
°C
Storage temperature
Tstg
-55 to +150
°C
*: Mounted on a specified board: 114.3mm
×76.1mm×1.6mm glass epoxy
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.2 to 14.0
V
Common-phase input voltage range of
Hall input
VICM
0 to VCC-1.5
V
Electrical Characteristics at Ta = 25
°C, VCC = 12V, unless otherwise specified
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC1
During drive (CT = L)
36
9
mA
Circuit Current
ICC2
During lock protection (CT = H)
2.5
5
7.5
mA
Lock detection capacitor charge
current
ICT1
0.9
1.2
1.5
µA
Capacitor discharge current
ICT2
0.10
0.18
0.25
µA
Capacitor charge and discharge
current ratio
RCT
RCD = ICT1/ICT2
56.5
8
-
CT charge voltage
VCT1
1.3
1.5
1.7
V
CT discharge voltage
VCT2
0.3
0.5
0.7
V
OUT output L saturation voltage
VOL
IO = 200mA
0.25
0.45
V
OUT output H saturation voltage
VOH
IO = 200mA
0.95
1.2
V
Hall input sensitivity
VHN
Zero peak value
(including offset and hysteresis)
7
15
mV
Hall bias voltage
VHB
IHB = 5mA
1.3
1.5
1.7
V
FG/RD output pin L voltage
VFG/RD
IRD/FG = 5mA
0.15
0.3
V
FG/RD output pin leak current
IFG/RDL
VRD/FG = 15V
1
30
µA
Truth Table
IN-
IN+
CT
OUT1
OUT2
FG
RD
Mode
H
L
H
L
L
L
H
L
L
H
H
L
During rotation
-
-
H
off
off
-
H
During overheat protection


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn