Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA6581CL Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA6581CL
Description  Fan Motor Driver BTL Driver Single-Phase Full-Wave
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6581CL Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA6581CL Datasheet HTML 1Page - Sanyo Semicon Device LA6581CL Datasheet HTML 2Page - Sanyo Semicon Device LA6581CL Datasheet HTML 3Page - Sanyo Semicon Device LA6581CL Datasheet HTML 4Page - Sanyo Semicon Device LA6581CL Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LA6581CL
No.A0706-3/5
Package Dimensions
unit : mm (typ)
3301A
Pin Assignment
1
IN+
2
3
4
5
HB
OUT1
IN-
NC
10
9
8
7
6
FG
NC
OUT2
VCC
GND
Top view
Block Diagram
2.0VRG
HB
OUT1
OUT2
FG
IN+
IN-
GND
VCC
H
SANYO : ECSP2828-10
2.8
0.325
0.075
1
5
10
1
2
6
TOP VIEW
SIDE VIEW
BOTTOM VIEW
SIDE VIEW
Pd max -- Ta
-30
0
30
60
90
120
100
180
0
100
200
300
400
500
450
Specified board : 20
×10×0.8mm3
Paper phenol
Ambient temperature, Ta --
°C


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn