Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4510 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MA4510
Description  Power Switching Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MA4510 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MA4510 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MA4510 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MA4510 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MA4510 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MA4510 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MA4510 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MA4510 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MA4510 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MA4510 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA4510
●Standard Operating Condition・Design Standard For Application Circuit
Unit
Input Rated Voltage
V
Output Nominal Voltage
V
Output Nominal Current
A
●Standard Operating Condition・Standard Operating Characteristics (Ta=25℃)
Ratings
Unit
Minimum Input Full Load Output Voltage
Vin=90V, IO=2.5A
12.0±0.6
V
Fig 1, ① Refer
Maximum Input Light Load Output Voltage
Vin=132V, IO=0.25A
12.0±0.6
V
Fig 1, ② Refer
Over Current Protection
Foldback Current
Vin=132V, VO=10V
MAX 3.8
AFig 1, ③ Refer
Short Circuit
Vin=132V, RO=0.5Ω
Nodamage To Any Device,
Automatic Recovery.
-Fig 1, ④ Refer
Figure in ○=Terminal Sign
Conditions
Item
Ratings
Item
Conditions
2.5
AC90~132
12
Fig1. Output Voltage/Current


Similar Part No. - MA4510

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 60P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 49P
   MA450 Storm 5in1 Permanent Mount Antenna
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003_17 Datasheet
3Mb / 49P
   MA450 Storm 5in1 Permanent Mount Antenna
MA450.K.LBICG.004 TAOGLAS-MA450.K.LBICG.004 Datasheet
5Mb / 48P
   Worldwide 4G Bands including 3G and 2G
MA450KLBICG003 TAOGLAS-MA450KLBICG003 Datasheet
3Mb / 49P
   MA450 Storm 5in1 Permanent Mount Antenna
More results

Similar Description - MA4510

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166 Datasheet
403Kb / 20P
   POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
MC34167 ONSEMI-MC34167 Datasheet
408Kb / 16P
   POWER SWITCHING REGULATORS
1996 REV 3
logo
Shindengen Electric Mfg...
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
   Power Switching Regulators
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
   Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
   Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
   Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
   Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
   Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com