Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA6565 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA6565
Description  For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6565 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA6565_09 Datasheet HTML 1Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 2Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 3Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 4Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 5Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 6Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 7Page - Sanyo Semicon Device LA6565_09 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LA6565
No.7817-5/8
Pin Function
Pin No.
Pin name
Pin function
1
FWD
Loading output direction switching (FWD). Loading system logic input.
2
REV
Loading output direction switching (REV). Loading system logic input.
3
VCC2
Channels 3, 4, and loading power stage power supply.
4
VLO−
Loading output (
−)
5
VLO+
Loading output (+)
6
VO4+
Channel 4 output (+)
7
VO4−
Channel 4 output (
−)
8
VO3+
Channel 3 output (+)
9
VO3−
Channel 3 output (
−)
10
VO2+
Channel 2 output (+)
11
VO2−
Channel 2 output (
−)
12
VO1−
Channel 1 output (
−)
13
VO1+
Channel 1 output (+)
14
VCCP1
Channels 1 and 2 power stage power supply.
15
VCCS
Signal system power supply.
16
VIN1+
Channel 1 input. Input operational amplifier + input.
17
VIN1−
Channel 1 input. Input operational amplifier
− input.
18
VIN1
Channel 1 input. Input operational amplifier output.
19
VIN2+
Channel 2 input. Input operational amplifier + input.
20
VIN2−
Channel 2 input. Input operational amplifier
− input.
21
VIN2
Channel 2 input. Input operational amplifier output.
22
VIN3−
Channel 3 input. Input operational amplifier
− input.
23
VIN3
Channel 3 input. Input operational amplifier output.
24
VO_OP
Operational amplifier output.
25
VIN−OP
Operational amplifier
− input
26
VIN+OP
Operational amplifier + input
27
REG_IN
Regulator error amplifier output. Connect this pin to the base of the external PNP-transistor.
28
REG_OUT
Regulator error amplifier input (+).
29
VREF_OUT
VREF amplifier (voltage follower) output.
30
VREF_IN
VREF input. Apply the external reference voltage to this pin.
31
VIN4
Channel 4 input. Input operational amplifier output.
32
VIN4−
Channel 4 input. Input operational amplifier
− input.
33
MUTE234
Controls the on/off state of channels 2, 3, and 4.
34
MUTE1
Channel 1 output on/off control
35
VCONT
Loading block output high-level voltage setting.
36
S_GND
Signal system ground.
* center frame (FR) becomes GND for the power system, Set this to the minimum potential together with S_GND (signal system ground).


Similar Part No. - LA6565_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6565VR SANYO-LA6565VR Datasheet
95Kb / 9P
   Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
More results

Similar Description - LA6565_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6570 SANYO-LA6570 Datasheet
324Kb / 3P
   Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
   5-channel driver for CD/DVD players
BA6796FP ROHM-BA6796FP Datasheet
214Kb / 11P
   5-channel BTL driver for CD players
BA6892FP ROHM-BA6892FP Datasheet
140Kb / 10P
   4-channel H-bridge type BTL driver for CD players
BA6299 ROHM-BA6299 Datasheet
172Kb / 7P
   4-Channel H-bridge type BTL driver for CD players
BA6899AS ROHM-BA6899AS Datasheet
275Kb / 8P
   4-channel H-bridge type BTL driver for CD players
BA6995FP ROHM-BA6995FP Datasheet
160Kb / 8P
   5-channel BTL driver for CD players
BA6795FP ROHM-BA6795FP Datasheet
204Kb / 11P
   5-channel BTL driver for CD players
BA6395AFP ROHM-BA6395AFP Datasheet
186Kb / 10P
   5-channel BTL driver for CD players
logo
Sanyo Semicon Device
LA6563 SANYO-LA6563 Datasheet
321Kb / 3P
   4CH Bridge (BTL) Driver for CD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com