Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA3450 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part No. MA3450
Description  Power Switching Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Homepage  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MA3450 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MA3450 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MA3450 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MA3450 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MA3450 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MA3450 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MA3450 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MA3450 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA3450
●Standard Operating Condition・Design Standard For Application Circuit
Unit
Input Rated Voltage
V
Output Nominal Wattage
W
Output Nominal Voltage
V
Output Nominal Current
A
●Standard Operating Condition・Standard Operating Characteristics (Ta=25℃)
Ratings
Unit
AC Input Voltage
IO=4.2A, 20.5V≦VO≦24.6V
MAX 85
V
Minimum Input Full Load Output Voltage
Vin=90V, IO=4.2A
24.0±0.6
V
Fig 2, ① Refer
Maximum Input Light Load Output Voltage
Vin=132V, IO=0.0A
24.0±0.6
V
Fig 2, ② Refer
Over Current Protection
Foldback Current
Vin=132V, VO=20V
MAX 6.0
AFig 2, ③ Refer
Short Circuit
Vin=132V, RO=0.5Ω
Nodamage To Any Device,
Automatic Recovery.
-Fig 2, ④ Refer
Figure in ○=Terminal Sign
4.2
AC85~132
100
24
Item
Conditions
Item
Ratings
Conditions
Fig2. Output Voltage/Current
Fig1. Measurement Circuit


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MA1010Power Switching Regulators 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
MA4510Power Switching Regulators 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
MA1020Power Switching Regulators 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
MA4520Power Switching Regulators 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
MA1030Power Switching Regulators 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
MA4530Power Switching Regulators 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
MA1040Power Switching Regulators 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
MA4810Power Switching Regulators 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
MA1050Power Switching Regulators 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
MA4820Power Switching Regulators 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn