Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY228-13 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BY228-13
Description  Standard Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY228-13 Datasheet(HTML) 1 Page - Vishay Siliconix

  BY228-13_10 Datasheet HTML 1Page - Vishay Siliconix BY228-13_10 Datasheet HTML 2Page - Vishay Siliconix BY228-13_10 Datasheet HTML 3Page - Vishay Siliconix BY228-13_10 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Standard Avalanche Sinterglass Diode
BY228-13 , BY228-15
Vishay Semiconductors
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 86004
144
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Rev. 1.7, 09-Aug-10
MECHANICAL DATA
Case: SOD-64
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 858 mg
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Compliant to RoHS directive 2002/95/EC and
in accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21
definition
APPLICATIONS
• High voltage rectification
• Effficiency diode in horizontal deflection circuits
949588
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BY228-13
VR = 1000 V; IFAV = 3 A
SOD-64
BY228-15
VR = 1200 V; IFAV = 3 A
SOD-64
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Peak reverse voltage, non repetitive
lR = 100 μA
BY228-13
VRSM
1300
V
BY228-15
VRSM
1500
V
Reverse voltage
See electrical characteristics
BY228-13
VR
1000
V
BY228-15
VR
1200
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
50
A
Average forward current
IFAV
3A
Junction temperature
Tj
140
°C
Storage temperature range
Tstg
- 55 to + 175
°C
Non repetitive reverse avalanche
energy
l (BR)R = 0.4 A
ER
10
mJ
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
On PC board with spacing 25 mm
RthJA
70
K/W


Similar Part No. - BY228-13_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY228-13 VISHAY-BY228-13_V01 Datasheet
124Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

Similar Description - BY228-13_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com