Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA2820 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part No. MA2820
Description  Power Switching Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MA2820 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MA2820 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MA2820 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MA2820 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MA2820 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MA2820 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MA2820 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MA2820 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SHINDENGEN
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA2000 Series
RATINGS
OUTLINE DIMENSIONS
Unit : mm
MA2820
Case : MA7
Power Switching Regulators
●Absolute Maximum Ratings
Symbol
Unit
P Class
N Class
Storage Temperature
Tstg
-30~125 -30~125
Operating Temperature
Top
Case Temperature
-20~125 -20~125
Junction Temperature
Tj
150
150
Peak Input Voltage
Vin
②+,④-,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff Current ICEX.
850
850
V
Input Current
Iin
Pulse Pulse Width 150μs MAX, Duty1/2, Sawtooth Wave, Peak Value, ②+,④-
66
A
Maximum Operating Frequency
f(max)
200
200
kHZ
Maximum Power Dissipation
PD
Ta=25℃
33
W
PD
Heatsink Tc=100℃
20
20
W
Dielectric Strength
Vdis
Terminals To Case AC 1 min
22
kV
Insulation Resistance
Terminals To Case 500VDC
100
100
Fold Back Control Voltage
VCONT(max) Fold Control Resistance=0Ω  Duty 1/2, ④,⑦
±8
±8V
Fold Back Control Current
ICONT(max) ④-,⑥+
100
100
mA
●Electrical Characteristics (Tc=25℃)
Symbol
Unit
P Class
N Class
Collector Cutoff Current
ICEX
MAX 0.1
MAX 0.1
mA
Q1 DC Current Gain
hFE
VCE = 5V, IC = 1.5A, ②+,④-,⑤IB
13~26
8~16
VCE(sat) I
C=1.5A, IB=0.3A, ②+,④-,⑤IB
MAX 1.0
MAX 1.0
V
Thermal Resistance
θjc
Junction to Case
MAX 2.5
MAX 2.5
℃/W
D1
Reverse Current
IR
VR=800V,①+,②-MAX 10MAX 10
μA
Forward Voltage
VF
IF=0.6A,①-,②+MAX 1.7
MAX 1.7
V
MIN 1.7
MIN 1.7
Driving Saturation Voltage
VD(sat)
IC=1.5A, IB=0.3A, ⑤ +,④ -
MAX 2.3
MAX 2.3
V
VCE=850V,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff
Current ICEX. , ②+,④-
Item
Ratings
Ratings
Conditions
Conditions
Item
Collector to Emitter Saturation
Voltage


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MA1010 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
MA4510 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
MA1020 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
MA4520 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
MA1030 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
MA4530 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
MA1040 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
MA4810 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
MA1050 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
MA4820 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn