Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4815M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4815M
Description  Monaural Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4815M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4815M_10 Datasheet HTML 1Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 2Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 3Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 4Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 5Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 6Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 7Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 8Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LA4815M
No.A1373-2/14
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage
VCC max
15
V
Allowable power dissipation
Pd max
* Mounted on the board
0.9
W
Maximum junction temperature
Tj max
150
°C
Operating temperature
Topr
-30 to +75
°C
Storage temperature
Tstg
-40 to +150
°C
* Mounted on SANYO evaluation board : Double-sided board with dimensions of 50mm
× 50mm × 1.6mm (glass epoxy)
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended power supply
voltage
VCC
6
V
Recommended load resistance
RL
4 to 32
Ω
Allowable operating supply
voltage range
VCC op
4 to 13
V
* The supply voltage level to be used must be determined with due consideration given to the allowable power dissipation of the IC.
Electrical Characteristics at Ta
= 25°C, VCC = 6V, RL = 8Ω, fin = 1kHz
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current drain-1
ICCOP1
No signal
4.6
8.3
mA
Quiescent current drain-2
ICCOP2
No signal, pin 7 = LOW
1.6
mA
Maximum output power-1
POMAX1
THD = 10%
250
370
mW
Maximum output power-2
POMAX2
THD = 10%, RL = 4Ω
620
mW
Voltage gain-1
VG1
VIN = -30dBV
23.9
25.9
27.9
dB
Voltage gain-2
VG2
VIN = -40dBV, pin 1/pin8 = GND
37
39.5
42
dB
Total harmonic distortion
THD
VIN = -30dBV
0.11
0.7
%
Mute attenuation
MT
VIN = -10dBV, pin 7 = LOW
-90
-115
dBV
Output noise voltage
VNOUT
Rg = 620
Ω, 20 to 20kHz
40
100
μVrms
Ripple rejection ratio
SVRR
Rg = 620
Ω, fr = 100Hz, Vr = -20dBV
44
dB
Mute control voltage-LOW
V7cntL
Mute mode
0.3
V
Mute control voltage-HIGH1
V7cntH1
Mute released, VCC = 6.5V or lower
1.8
V
Mute control voltage-HIGH2
V7cntH2
Mute released, VCC = 6.5V or higher
2.4
V
Input resistance
Ri
100
k
Ω


Similar Part No. - LA4815M_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
More results

Similar Description - LA4815M_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com