Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1845N Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA1845N
Description  For Home Stereo IC Single-Chip Tuner IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1845N Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA1845N_09 Datasheet HTML 1Page - Sanyo Semicon Device LA1845N_09 Datasheet HTML 2Page - Sanyo Semicon Device LA1845N_09 Datasheet HTML 3Page - Sanyo Semicon Device LA1845N_09 Datasheet HTML 4Page - Sanyo Semicon Device LA1845N_09 Datasheet HTML 5Page - Sanyo Semicon Device LA1845N_09 Datasheet HTML 6Page - Sanyo Semicon Device LA1845N_09 Datasheet HTML 7Page - Sanyo Semicon Device LA1845N_09 Datasheet HTML 8Page - Sanyo Semicon Device LA1845N_09 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LA1845N
No.7185-5/9
Continued from preceding page.
Pin No.
Pin function
Pin voltage (V)
Pin description
Equivalent circuit
11
Phase comparator
low-pass filter
(AM/FM switching)
VCC-1.0
The device operates in AM mode when a current of
over 200
μA flows from pin.12.
Limit values for the resistor :
2.7k
Ω (When VCC = 7V)
3.9k
Ω (8V)
11
12
Pilot detector
low-pass filter
(Forced mono)
(VCO stop)
VCC-1.0
The device is forced to monaural when a current of
over 50
μA flows from this pin.
The VCO is stopped when a current of over 200
μA
flows from this pin.
The limit values for the resistor are the same as
those for pin 11.
12
13
14
L outputs
R outputs
3.2
3.2
Output impedance ro = 3.3kΩ
13
( 14 )
15
Pilot canceler output
Vreg
15
3
16
Decoder input
Vreg
Inverting input pin
RNF = 20k
Ω
RNF
16
17
PLL input
Vreg
Input impedance ri = 20kΩ
17
18
FM demodulator
output
Vreg + 0.7
Output impedance ro = 2.3kΩ
The channel separation can be adjusted with an
external capacitor connected between this pin and
ground.
18
19
AM detector output
0 (FM)
1.5 (AM)
Output impedance ro = 10kΩ
100V
19
20
S meter,
AM AGC
0.2 (FM)
0.9 (AM)
The resistance of the built-in resistor R is 13.9k
Ω
The SD responce during seek operation is
determined with the external capacitor connected to
this pin.
20
R
21
AM RF input
Vreg
Must be used at the same potential as pin 22.
21
22
AFC
Vreg
The FM SD bandwidth can be adjusted with the
external resistor connected between this pin and
pin 3 (Vreg).
22
Continued on next page.


Similar Part No. - LA1845N_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1845NM SANYO-LA1845NM Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
More results

Similar Description - LA1845N_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
logo
Panasonic Semiconductor
AN18208A PANASONIC-AN18208A Datasheet
731Kb / 37P
   Tuner IC for home-audio stereo set
AN18207A PANASONIC-AN18207A Datasheet
730Kb / 38P
   Tuner IC for home-audio stereo set
logo
Sanyo Semicon Device
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com