Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1193M Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LA1193M
Description  High-Performance FM Front End
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1193M Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LA1193M_08 Datasheet HTML 7Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 8Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 9Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 10Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 11Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 12Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 13Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 14Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LA1193M, 1193V
No.4715-11/22
3D-AGC Sensitivity,
∆f and V20 Characteristics
AGC sensitivity
W-AGC sensitivity
N-AGC sensitivity
Desired station
AGC sensitivity
V20 (desired station
field strength)
Two signal sensitivity
suppression improvement
∆F
Figure 3
3D-AGC Sensitivity,
∆f and V20 Characteristics
— The W-AGC sensitivity is determined by the antenna RF circuit selectivity independently of V20.
— The N-AGC sensitivity is determined by the antenna, RF and mixer circuit total selectivity when V20 is 0.6V or
greater. It is determined by that selectivity and V20 when V20 is over 0.6V.
— The improvement in two-signal sensitivity suppression is the shaded area in the total AGC sensitivity and
corresponds to the section occupied by the N-AGC.
4. Mixer
The mixer circuit used in this IC is a balanced input/balanced output double balance mixer circuit.
• Input Format
Emitter input
Input impedance : 25
Optimization of the component geometry, emitter
current and bias allow this circuit to achieve the
following performance.
Mixer input usable sensitivity : 15dB
µ
Mixer input IMQS* : 90.5dB
µ
Note : *Mixer input IMQS is defined as follows :
fr = 98.8MHz, no input
fu1 = 98.8MHz, 1kHz, 30% modulation
fu2 = 99.6MHz, no modulation
IMQS is the interference 1 and 2 input levels such that when an
interference signal with the same level is input to the mixer and
distortion occurs at the mixer, the generated IM output has a S/N
ratio of 30dB.
OSC
MIX
Figure 4
Mixer Circuit
(Improved by 6.0dB
µ over previous products.)


Similar Part No. - LA1193M_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
More results

Similar Description - LA1193M_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
A6058 UTC-A6058_16 Datasheet
168Kb / 6P
   FM FRONT-END
TA7358P UTC-TA7358P Datasheet
85Kb / 5P
   FM FRONT-END
logo
New Japan Radio
NJM2236 NJRC-NJM2236 Datasheet
248Kb / 7P
   FM FRONT-END
logo
Toshiba Semiconductor
TA8116F TOSHIBA-TA8116F Datasheet
298Kb / 4P
   FM FRONT END
logo
Samsung semiconductor
KA22497-D SAMSUNG-KA22497-D Datasheet
227Kb / 10P
   FM FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com