Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQA60A300C Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # LQA60A300C
Description  300 V, 60 A Q-Series Common-Cathode Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LQA60A300C Datasheet(HTML) 3 Page - Power Integrations, Inc.

  LQA60A300C Datasheet HTML 1Page - Power Integrations, Inc. LQA60A300C Datasheet HTML 2Page - Power Integrations, Inc. LQA60A300C Datasheet HTML 3Page - Power Integrations, Inc. LQA60A300C Datasheet HTML 4Page - Power Integrations, Inc. LQA60A300C Datasheet HTML 5Page - Power Integrations, Inc. LQA60A300C Datasheet HTML 6Page - Power Integrations, Inc. LQA60A300C Datasheet HTML 7Page - Power Integrations, Inc. LQA60A300C Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev 1.1 01/11
www.powerint.com
LQA60A300C
3
Electrical Specifications at TJ= 25 °C (unless otherwise specified)
0
5
10
15
20
25
30
35
40
45
50
55
60
0.0
0.5
1.0
1.5
2.0
VF (V)
Tj=125C
Tj=25C
Figure 3. Typical I
F vs VF
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VF (V)
Tj=125C
Tj=25C
Figure 4. Typical I
F vs VF
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
140
160
180
VR (V)
Figure 5. Typical C
j vs VR
0
10
20
30
40
50
60
25
50
75
100
125
150
Case Temperature, TC (
oC)
Figure 6. DC Current Derating Curve
0
20
40
60
80
100
120
0
2
4
6
8 1012 141618 2022 24 2628 30 32
IF (A)
dIF/dt=200A/us
dIF/dt=500A/us
Figure 7. Typical Q
RR vs IF at Tj=125 °C
10
15
20
25
30
35
02468 10 12 14 16 18 20 22 24 26 28 30 32
IF (A)
dIF/dt=200A/us
dIF/dt=500A/us
Figure 8. Typical t
RR vs IF at Tj=125 °C


Similar Part No. - LQA60A300C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA03TC600 POWERINT-LQA03TC600 Datasheet
197Kb / 7P
   600 V, 3 A Q-Series PFC Diode
LQA03TC600 POWERINT-LQA03TC600 Datasheet
369Kb / 7P
   600 V, 3 A Q-Series PFC Diode
November 2015
LQA03TC600 POWERINT-LQA03TC600_V01 Datasheet
369Kb / 7P
   600 V, 3 A Q-Series PFC Diode
November 2015
LQA05TC600 POWERINT-LQA05TC600 Datasheet
133Kb / 7P
   600 V, 5 A Q-Series PFC Diode
LQA06T300 POWERINT-LQA06T300 Datasheet
120Kb / 7P
   300 V, 6 A Q-Series Diode
More results

Similar Description - LQA60A300C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA32T300C POWERINT-LQA32T300C Datasheet
103Kb / 7P
   300 V, 32 A Q-Series Common-Cathode Diode
LQA30A300C POWERINT-LQA30A300C Datasheet
133Kb / 7P
   300 V, 30 A Q-Series Common-Cathode Diode
LQA20T300C POWERINT-LQA20T300C Datasheet
185Kb / 8P
   300 V, 20 A Q-Series Common-Cathode Diode
LQA20T300C POWERINT-LQA20T300C_V01 Datasheet
375Kb / 9P
   300 V, 20 A Q-Series Common-Cathode Diode
November 2015
LQA12T300C POWERINT-LQA12T300C Datasheet
185Kb / 8P
   300 V, 12 A Q-Series Common-Cathode Diode
LQA30T300 POWERINT-LQA30T300 Datasheet
121Kb / 7P
   300 V, 30 A Q-Series Diode
LQA06T300 POWERINT-LQA06T300 Datasheet
120Kb / 7P
   300 V, 6 A Q-Series Diode
LQA10T300 POWERINT-LQA10T300 Datasheet
120Kb / 7P
   300 V, 10 A Q-Series Diode
LQA16T300 POWERINT-LQA16T300 Datasheet
174Kb / 7P
   300 V, 16 A Q-Series Diode
LQA40T200C POWERINT-LQA40T200C Datasheet
663Kb / 8P
   200 V, 40 A Common-Cathode Diode
January 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com