Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQA16T300 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LQA16T300
Description  300 V, 16 A Q-Series Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LQA16T300 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LQA16T300 Datasheet HTML 1Page - Power Integrations, Inc. LQA16T300 Datasheet HTML 2Page - Power Integrations, Inc. LQA16T300 Datasheet HTML 3Page - Power Integrations, Inc. LQA16T300 Datasheet HTML 4Page - Power Integrations, Inc. LQA16T300 Datasheet HTML 5Page - Power Integrations, Inc. LQA16T300 Datasheet HTML 6Page - Power Integrations, Inc. LQA16T300 Datasheet HTML 7Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.powerint.com
Rev 1.7 01/11
LQA16T300
2
Electrical Specifications at TJ= 25 °C (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC Characteristics
IR
Reverse current
VR = 300V, TJ = 25 °C
-
-
25
µA
VR = 300V, TJ = 125 °C
-
0.45
-
mA
VF
Forward voltage
IF = 16A, TJ = 25 °C
-
1.6
1.9
V
IF = 16A, TJ = 150 °C
-
1.4
-
V
CJ
Junction capacitance
VR = 10V, 1 MHz
-
50
-
pF
Dynamic Characteristics
tRR
TJ=25 °C
-
13
-
ns
Reverse recovery time
dI/dt =200A/
µs
VR=200V,IF=16A
TJ=125 °C
-
25
-
ns
QRR
TJ=25 °C
-
11.5
15
nC
Reverse recovery charge
dI/dt =200A/
µs
VR=200V,IF=16A
TJ=125 °C
-
44
-
nC
IRRM
TJ =25 °C
-
1.5
1.85
A
Maximum reverse
recovery current
dI/dt =200A/
µs
VR=200V,IF=16A
TJ=125 °C
-
2.65
-
A
S
TJ =25 °C
-
0.7
-
Softness factor =
a
b
t
t
dI/dt =200A/
µs
VR=200V,IF=16A
TJ=125 °C
-
0.7
-
Note to component engineers:
Q-Series diodes employ Schottky technologies in their design and construction.
Therefore, Component Engineers should plan their test setups to be similar to those for traditional Schottky test setups.
(For additional details, see Application Note AN-300.)
Figure 1. Reverse Recovery Definitions
Figure 2. Reverse Recovery Test Circuit
Pulse generator
Rg
Q1
VR
+
15V
D1
DUT
L1
IF
dIF/dt
IRRM
tRR
tb
ta
0
0.1xIRRM


Similar Part No. - LQA16T300

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA10N150C POWERINT-LQA10N150C Datasheet
677Kb / 8P
   150 V, 10 A Common-Cathode Diode
January 2015
LQA10N200C POWERINT-LQA10N200C Datasheet
647Kb / 8P
   200 V, 10 A Common-Cathode Diode
November 2019
LQA10T150C POWERINT-LQA10T150C Datasheet
677Kb / 8P
   150 V, 10 A Common-Cathode Diode
January 2015
LQA10T200C POWERINT-LQA10T200C Datasheet
647Kb / 8P
   200 V, 10 A Common-Cathode Diode
November 2019
LQA10T300 POWERINT-LQA10T300 Datasheet
120Kb / 7P
   300 V, 10 A Q-Series Diode
More results

Similar Description - LQA16T300

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA30T300 POWERINT-LQA30T300 Datasheet
121Kb / 7P
   300 V, 30 A Q-Series Diode
LQA06T300 POWERINT-LQA06T300 Datasheet
120Kb / 7P
   300 V, 6 A Q-Series Diode
LQA10T300 POWERINT-LQA10T300 Datasheet
120Kb / 7P
   300 V, 10 A Q-Series Diode
LQA32T300C POWERINT-LQA32T300C Datasheet
103Kb / 7P
   300 V, 32 A Q-Series Common-Cathode Diode
LQA30A300C POWERINT-LQA30A300C Datasheet
133Kb / 7P
   300 V, 30 A Q-Series Common-Cathode Diode
LQA20T300C POWERINT-LQA20T300C Datasheet
185Kb / 8P
   300 V, 20 A Q-Series Common-Cathode Diode
LQA20T300C POWERINT-LQA20T300C_V01 Datasheet
375Kb / 9P
   300 V, 20 A Q-Series Common-Cathode Diode
November 2015
LQA60A300C POWERINT-LQA60A300C Datasheet
136Kb / 8P
   300 V, 60 A Q-Series Common-Cathode Diode
LQA12T300C POWERINT-LQA12T300C Datasheet
185Kb / 8P
   300 V, 12 A Q-Series Common-Cathode Diode
logo
Fairchild Semiconductor
FFPF10UP30STTU FAIRCHILD-FFPF10UP30STTU Datasheet
1Mb / 5P
   10 A, 300 V, Ultrafast Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com