Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK624DG Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LNK624DG
Description  Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK624DG Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LNK624DG Datasheet HTML 7Page - Power Integrations, Inc. LNK624DG Datasheet HTML 8Page - Power Integrations, Inc. LNK624DG Datasheet HTML 9Page - Power Integrations, Inc. LNK624DG Datasheet HTML 10Page - Power Integrations, Inc. LNK624DG Datasheet HTML 11Page - Power Integrations, Inc. LNK624DG Datasheet HTML 12Page - Power Integrations, Inc. LNK624DG Datasheet HTML 13Page - Power Integrations, Inc. LNK624DG Datasheet HTML 14Page - Power Integrations, Inc. LNK624DG Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Rev. E 09/09
11
LNK623-626
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Output Frequency
f
OSC
T
J = 25 °C, VFB = VFBth
LNK623/6
93
100
106
kHz
Frequency Jitter
Peak-Peak Jitter Compared to
Average Frequency, T
J = 25 °C
±7
%
Ratio of Output
Frequency at Auto-RST
f
OSC(AR)
T
J = 25 °C
Relative to f
OSC (See Note 3)
80
%
Maximum Duty Cycle
DC
MAX
(Note 2,3) T
J = 25 °C
54
%
Feedback Pin Voltage
V
FBth
T
J = 25 °C
See Figure 15,
C
BP = 1 μF
LNK623-624P
1.815
1.840
1.865
V
LNK623-624D
1.855
1.880
1.905
LNK625P, LNK625D
1.835
1.860
1.885
LNK626P, LNK626D
1.775
1.800
1.825
Feedback Pin Voltage
Temperature
Coefficient
TC
VFB
-0.01
%/°C
Feedback Pin Voltage
at Turn-Off Threshold
V
FB(AR)
1.45
V
Power Coefficient
I2f
I2f = I2
LIMIT(TYP) × fOSC(TYP)
LNK623/6P
T
J = 25 °C
0.9 × I2fI2f
1.17 × I2f
A2Hz
I2f = I2
LIMIT(TYP) × fOSC(TYP)
LNK623/6D
T
J = 25 °C
0.9 × I2fI2f
1.21 × I2f
Absolute Maximum Ratings(1,4)
DRAIN Voltage ........................................... ..............-0.3 V to 700 V
DRAIN Peak Current:
LNK623 ......................... 400 (600) mA(4)
LNK624 ......................... 400 (600) mA(4)
LNK625 ..........................528 (790) mA(4)
LNK626 ........................720 (1080) mA(4)
Peak Negative Pulsed DRAIN Current ................... ...... -100 mA(2)
Feedback Voltage ................................................. ....... -0.3 V to 9 V
Feedback Current ............................................................... 100 mA
BYPASS Pin Voltage ..................................... ............. -0.3 V to 9 V
Storage Temperature ........................................... -65 °C to 150 °C
Operating Junction Temperature.........................-40 °C to 150 °C
Lead Temperature(3) .................................................................260 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Duration not to exceed 2 msec.
3. 1/16 in. from case for 5 seconds.
4. The higher peak DRAIN current is allowed while the DRAIN
voltage is simultaneously less than 400 V.
5. Maximum ratings specified may be applied, one at a time
without causing permanent damage to the product.
Exposure to Absolute Maximum ratings for extended
periods of time may affect product reliability.
Thermal Resistance
Thermal Resistance: P Package:
JA) .................................... 70 °C/W
(2); 60 °C/W(3)
JC)
(1) ............................................... ......... 11 °C/W
D Package:
JA .....................................100 °C/W
(2); 80 °C/W(3)
JC)
(1) .......................... ...........................30 °C/W
Notes:
1. Measured on pin 8 (SOURCE) close to plastic interface.
2. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
3. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.


Similar Part No. - LNK624DG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK624DG POWERINT-LNK624DG Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK624DG-TL POWERINT-LNK624DG-TL Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
More results

Similar Description - LNK624DG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
   Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com