Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK616DG Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LNK616DG
Description  Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK616DG Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LNK616DG Datasheet HTML 1Page - Power Integrations, Inc. LNK616DG Datasheet HTML 2Page - Power Integrations, Inc. LNK616DG Datasheet HTML 3Page - Power Integrations, Inc. LNK616DG Datasheet HTML 4Page - Power Integrations, Inc. LNK616DG Datasheet HTML 5Page - Power Integrations, Inc. LNK616DG Datasheet HTML 6Page - Power Integrations, Inc. LNK616DG Datasheet HTML 7Page - Power Integrations, Inc. LNK616DG Datasheet HTML 8Page - Power Integrations, Inc. LNK616DG Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Rev. F 01/10
2
LNK603-606/613-616
www.powerint.com
Pin Functional Description
DRAIN (D) Pin:
This pin is the power MOSFET drain connection. It provides
internal operating current for both start-up and steady-state
operation.
BYPASS/MULTI-FUNCTIONAL PROGRAMMABLE
(BP/M) Pin:
This pin has multiple functions:
1. It is the connection point for an external bypass capacitor for
the internally generated 6 V supply.
2. It is a mode selection for the cable drop compensation for
LNK61X series.
FEEDBACK (FB) Pin:
During normal operation, switching of the power MOSFET is
controlled by this pin. This pin senses the AC voltage on the bias
winding. This control input regulates both the output voltage in
CV mode and output current in CC mode based on the flyback
voltage of the bias winding. The internal inductance correction
circuit uses the forward voltage on the bias winding to sense the
bulk capacitor voltage.
SOURCE (S) Pin:
This pin is internally connected to the output MOSFET source for
high voltage power and control circuit common returns.
Figure 2
Functional Block Diagram.
Figure 3.
Pin Configuration.
PI-4908-041508
SOURCE
(S)
LEADING
EDGE
BLANKING
+
-
+
-
+
-
DRAIN
(D)
REGULATOR
6 V
BYPASS
(BP/M)
FEEDBACK
(FB)
SOURCE
(S)
FB
OUT
Reset
6 V
5 V
t
SAMPLE-OUT
t
SAMPLE-INPUT
V
ILIMIT
I
LIM
V
ILIMIT
V
TH
t
SAMPLE-OUT
t
SAMPLE-INPUT
V
ILIMIT
6.5 V
Drive
I
LIM
DC
MAX
DC
MAX
FB
Current Limit
Comparator
STATE
MACHINE
CABLE DROP
COMPENSATION
SAMPLE
DELAY
THERMAL
SHUTDOWN
OSCILLATOR
FAULT
Auto-Restart
Open-Loop
INDUCTANCE
CORRECTION
CONSTANT
CURRENT
D Q
PI-3491-012808
3a
3b
D
S
BP/M
S
S
FB
P Package (DIP-8C)
G Package (SMD-8C)
D Package (SO-8C)
8
5
7
1
4
2
S
6
D
S
BP/M
S
S
FB
8
5
7
1
4
2
S
6


Similar Part No. - LNK616DG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK616DG POWERINT-LNK616DG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK616DG POWERINT-LNK616DG Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK616DG-TL POWERINT-LNK616DG-TL Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK616DG-TL POWERINT-LNK616DG-TL Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
More results

Similar Description - LNK616DG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK632DG POWERINT-LNK632DG Datasheet
551Kb / 10P
   Energy-Efficient, Accurate CV Switcher With CC Control for Adapters and Chargers
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
   Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
   Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com