Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK615PG Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LNK615PG
Description  Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK615PG Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LNK615PG Datasheet HTML 1Page - Power Integrations, Inc. LNK615PG Datasheet HTML 2Page - Power Integrations, Inc. LNK615PG Datasheet HTML 3Page - Power Integrations, Inc. LNK615PG Datasheet HTML 4Page - Power Integrations, Inc. LNK615PG Datasheet HTML 5Page - Power Integrations, Inc. LNK615PG Datasheet HTML 6Page - Power Integrations, Inc. LNK615PG Datasheet HTML 7Page - Power Integrations, Inc. LNK615PG Datasheet HTML 8Page - Power Integrations, Inc. LNK615PG Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Rev. F 01/10
4
LNK603-606/613-616
www.powerint.com
Applications Example
Circuit Description
This circuit shown in Figure 4 is configured as a primary-side
regulated flyback power supply utilizing the LNK613DG. With
an average efficiency of 74% and <30 mW no-load input power
this design easily exceeds the most stringent current energy
efficiency requirements.
Input Filter
AC input power is rectified by diodes D1 through D4. The
rectified DC is filtered by the bulk storage capacitors C1 and
C2. Inductor L1, C1 and C2 form a pi (π) filter, which attenuates
conducted differential-mode EMI noise. This configuration
along with Power Integrations transformer E-shieldtechnology
allow this design to meet EMI standard EN55022 class B with
good margin without requiring a Y capacitor, even with the
output connected to safety earth ground. Fusible resistor RF1
provides protection against catastrophic failure. This should be
suitably rated (typically a wire wound type) to withstand the
instantaneous dissipation while the input capacitors charge
when first connected to the AC line.
LNK 613 Primary
The LNK613DG device (U1) incorporates the power switching
device, oscillator, CC/CV control engine, startup, and protection
functions. The integrated 700 V MOSFET provides a large drain
voltage margin in universal input AC applications, increasing
reliability and also reducing the output diode voltage stress by
allowing a greater transformer turns ratio. The device is
completely self-powered from the BYPASS pin and decoupling
capacitor C4. For the LNK61X devices, the bypass capacitor
value also selects the amount of output cable voltage drop
compensation. A 1
mF value selects the standard compensation.
A 10
mF value selects the enhanced compensation. Table 2
shows the amount of compensation for each device and
bypass capacitor value. The LNK60x devices do not provide
cable drop compensation.
The optional bias supply formed by D6 and C5 provides the
operating current for U1 via resistor R4. This reduces the
no-load consumption from ~200 mW to <30 mW and also
increases light load efficiency.
The rectified and filtered input voltage is applied to one side of
the primary winding of T1. The other side of the transformer’s
primary winding is driven by the integrated MOSFET in U1. The
leakage inductance drain voltage spike is limited by an RCD-R
clamp consisting of D5, R2, R3, and C3.
Output Rectification
The secondary of the transformer is rectified by D7, a 1 A, 40 V
Schottky barrier type for higher efficiency, and filtered by C7. If
lower efficiency is acceptable then this can be replaced with a
1 A PN junction diode for lower cost. In this application C7 was
sized to meet the required output voltage ripple specification
without requiring a post LC filter. To meet battery self discharge
requirement the pre-load resistor has been replaced with a
series resistor and Zener network (R8 and VR1). However in
designs where this is not a requirement a standard 1 k
W
resistor can be used.
Output Regulation
The LNK613 regulates the output using ON/OFF control in the
constant voltage (CV) regulation region of the output character-
Figure 4.
Energy Efficient USB Charger Power Supply (74% Average Efficiency, <30 mW No-load Input Power).
PI-5111-050808
D
S
FB
BP
R2
470 k
R3
300
R5
13 k
1%
R7
200
R8
200
R6
8.87 k
1%
R4
6.2 k
RF1
8.2
2 W
D5
1N4007
D7
SS14
D6
LL4148
VR1
2MM5230B-7
4.7 V
D1
1N4007
D2
1N4007
D3
1N4007
D4
1N4007
T1
EE16
5
10
8
1
2
4
NC
3
C7
680
µF
10 V
C6
1 nF
100 V
C1
4.7
µF
400 V
C2
4.7
µF
400 V
C4
1
µF
25 V
C5
10
µF
16 V
L1
1.5 mH
C3
820 pF
1 kV
DC
Output
5 V, 555 mA
U1
LNK613DG
LinkSwitch-II
AC
Input


Similar Part No. - LNK615PG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK615PG POWERINT-LNK615PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK615PG POWERINT-LNK615PG Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK615PG-TL POWERINT-LNK615PG-TL Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK615PG-TL POWERINT-LNK615PG-TL Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
More results

Similar Description - LNK615PG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK632DG POWERINT-LNK632DG Datasheet
551Kb / 10P
   Energy-Efficient, Accurate CV Switcher With CC Control for Adapters and Chargers
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
   Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
   Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com