Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBA150 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DBA150
Description  15.0A Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBA150 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DBA150 Datasheet HTML 1Page - Sanyo Semicon Device DBA150 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DBA150
No.2222-1/2
Features
Plastic molded structure.
Glass passivation for high reliability.
Peak reverse voltage : VRM=200, 600V.
Average rectified current : IO=15A.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
DBA150C
DBA150G
Unit
Peak Reverse Voltage
VRM
200
600
V
Average Recitified Current
IO
Ta=40
°C
¨
4.5
A
Ta=40
°C, with a 270!270!3.0mm3 Cu fin
¨
15.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
¨
200
A
Junction Temperature
Tj
¨
150
°C
Storage Temperature
Tstg
¨
--40 to +150
°C
Insulation Voltage
VIS
¨
2kV
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Voltage
VF
IF=7.5AT
1.05
V
Reverse Current
IR
VR : At each VRMT
10
µA
Thermal Resistance
Rth(j-c)
Junction-Case
2.3
°C/W
Note : Tightening torque : 0.98N·m max.
NoteT : Per constituent element of bridge.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN2222C
DBA150
Package Dimensions
unit : mm
1170
[DBA150]
41000 GI IM / 52098 HA (KT) / 82595 GI (KOTO) 3019 TA, TS
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Diffused Junction Silicon Diode
15.0A Single-Phase Bridge Rectifier
9
26.5 max
11
25 max
14.4
2.4
4.5


Similar Part No. - DBA150

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150 Datasheet
41Kb / 2P
   15.0A Single-Phase Bridge Rectifier
More results

Similar Description - DBA150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB1505 ETC2-TB1505 Datasheet
237Kb / 5P
   15.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150 Datasheet
41Kb / 2P
   15.0A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
TB1505 TAITRON-TB1505 Datasheet
237Kb / 5P
   15.0A Single-Phase Bridge Rectifier
TB1505W TAITRON-TB1505W Datasheet
243Kb / 5P
   15.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJL25J SMCDIODE-GBJL25J Datasheet
313Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
GBU15005 SMCDIODE-GBU15005 Datasheet
340Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. A
GBJL15J SMCDIODE-GBJL15J Datasheet
329Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
GBJ15005 SMCDIODE-GBJ15005 Datasheet
350Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. E
logo
Gulf Semiconductor
KBPC15005 GULFSEMI-KBPC15005 Datasheet
2Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 15.0A
GSIB1505 GULFSEMI-GSIB1505 Datasheet
146Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 15.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com