Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK603 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LNK603
Description  Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK603 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LNK603_10 Datasheet HTML 3Page - Power Integrations, Inc. LNK603_10 Datasheet HTML 4Page - Power Integrations, Inc. LNK603_10 Datasheet HTML 5Page - Power Integrations, Inc. LNK603_10 Datasheet HTML 6Page - Power Integrations, Inc. LNK603_10 Datasheet HTML 7Page - Power Integrations, Inc. LNK603_10 Datasheet HTML 8Page - Power Integrations, Inc. LNK603_10 Datasheet HTML 9Page - Power Integrations, Inc. LNK603_10 Datasheet HTML 10Page - Power Integrations, Inc. LNK603_10 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Rev. F 01/10
7
LNK603-606/613-616
www.powerint.com
An overshoot
is acceptable
Negative ring may
increase output
ripple and/or
degrade output
regulation
Figure 6.
Desired Drain Voltage Waveform with Minimal Leakage
Ringing Undershoot.
Figure 7.
Undesirable Drain Voltage Waveform with Large Leakage
Ring Undershoot.
BYPASS pin voltage. The parameters I
S2 and VBP are provided in
the parameter table of the LinkSwitch-II data sheet. Diode D6 can
be any low cost diode such as FR102, 1N4148 or BAV19/20/21.
Quick Design Checklist
As with any power supply design, all LinkSwitch-II designs
should be verified on the bench to make sure that component
specifications are not exceeded under worst-case conditions.
The following minimum set of tests is strongly recommended:
1. Maximum drain voltage – Verify that peak V
DS does not exceed
680 V at the highest input voltage and maximum output power.
2. Maximum drain current – At maximum ambient temperature,
maximum input voltage and maximum output load, verify
drain current waveforms at start-up for any signs of trans-
PI-5116-050808
D
S
FB
BP
R2
470 k
1 k
R3
300
R5
13 k
1%
R6
9.31 k
1%
D5
1N4007
D7
SL13
TI
EE13
5
10
8
2
4
NC
3
C7
470
µF
10 V
C1
4.7
µF
400 V
C2
4.7
µF
400 V
C4
1
µF
50 V
L1
1 mH
C3
820 pF
1 kV
AC
Input
DC
Output
U1
LNK613DG
LinkSwitch-II
RF1
8.2
2 W
D1
1N4007
D2
1N4007
D3
1N4007
D4
1N4007
former saturation and excessive leading edge current spikes.
LinkSwitch-II has a leading edge blanking time of 170 ns to
prevent premature termination of the ON-cycle.
3. Thermal check – At maximum output power, both minimum
and maximum input voltage and maximum ambient tempera-
ture; verify that temperature specifications are not exceeded
for LinkSwitch-II, transformer, output diodes and output
capacitors. Enough thermal margin should be allowed for
part-to-part variation of the R
DS(ON) of LinkSwitch-II, as specified
in the data sheet. To assure 10% CC tolerance a maximum
SOURCE pin temperature of 90 ºC is recommended.
Design Tools
Up-to-date information on design tools can be found at the
Power Integrations web site: www.powerint.com
Figure 8.
LinkSwitch-II Flyback Power Supply Without Bias Supply.


Similar Part No. - LNK603_10

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
   Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
LNK603DG POWERINT-LNK603DG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603DG-TL POWERINT-LNK603DG-TL Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603DG-TL POWERINT-LNK603DG-TL Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK603GG-TL POWERINT-LNK603GG-TL Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
More results

Similar Description - LNK603_10

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK632DG POWERINT-LNK632DG Datasheet
551Kb / 10P
   Energy-Efficient, Accurate CV Switcher With CC Control for Adapters and Chargers
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
   Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
   Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com