Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK574DG Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # LNK574DG
Description  Zero No-Load Consumption Integrated Off-Line Switcher
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK574DG Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button LNK574DG Datasheet HTML 4Page - Power Integrations, Inc. LNK574DG Datasheet HTML 5Page - Power Integrations, Inc. LNK574DG Datasheet HTML 6Page - Power Integrations, Inc. LNK574DG Datasheet HTML 7Page - Power Integrations, Inc. LNK574DG Datasheet HTML 8Page - Power Integrations, Inc. LNK574DG Datasheet HTML 9Page - Power Integrations, Inc. LNK574DG Datasheet HTML 10Page - Power Integrations, Inc. LNK574DG Datasheet HTML 11Page - Power Integrations, Inc. LNK574DG Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Rev. B 12/07/10
8
LNK574
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions (cont.)
Minimum Switch
ON-Time
t
ON(MIN)
700
ns
DRAIN Supply Current
I
S1
FeedBack Voltage > V
FB
(MOSFET not Switching)
150
200
260
mA
I
S2
0.9 V ≤ V
FB ≤ 1.70 V
(MOSFET Switching)
200
250
310
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V, TJ = 25 °C
-5.5
-3.8
-1.8
mA
I
CH2
V
BP = 4 V, TJ = 25 °C
-3.8
-2.5
-1.0
BYPASS Pin Voltage
V
BP
5.60
5.85
6.10
V
BYPASS Pin
Voltage Hysteresis
V
BP(H)
0.8
1.0
1.2
V
BYPASS Pin
Shunt Voltage
BP
SHUNT
6.1
6.5
6.9
V
Circuit Protection
Current Limit
I
LIMIT
di/dt = 40 mA/
ms
T
J = 25 °C
126
136
146
mA
Power Coefficient
I2f
di/dt = 40 mA/
ms
T
J = 25 °C
1665
1850
2091
A2Hz
Leading Edge
Blanking Time
t
LEB
T
J = 25 °C
220
265
ns
BYPASS Pin Shutdown
Threshold Current
I
SD
V
BP = BPSHUNT
See Note E
5.0
6.5
8.0
mA
Thermal Shutdown
Temperature
T
SD
See Note B
135
142
150
°C
Thermal Shutdown
Hysteresis
T
SD(H)
See Note B
70
°C
Power Down (PD) Mode
Off-State Drain Leakage
in Power Down Mode
I
DSS(PD)
T
J = 25 °C,
V
DRAIN = 325 V
See Figure 23
6.5
9
mA
BYPASS Pin Overvoltage
Protection in Power
Down Mode
V
BP(PDP)
I
BP = 300 mA
T
J ≤ 100 °C
7.25
8.5
10.9
V
BYPASS Pin Power Up
Reset Threshold (in
Power Down Mode or at
Power Supply Start-up)
V
BP(PU)
1.5
3
4
V


Similar Part No. - LNK574DG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK574DG POWERINT-LNK574DG Datasheet
1Mb / 18P
   Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
LNK574DG-TL POWERINT-LNK574DG-TL Datasheet
1Mb / 18P
   Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results

Similar Description - LNK574DG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK584 POWERINT-LNK584 Datasheet
1Mb / 16P
   Zero Standby Consumption Integrated Off-Line Switcher
LNK584 POWERINT-LNK584_V01 Datasheet
1Mb / 18P
   Zero Standby Consumption Integrated Off-Line Switcher
November 2015
LNK584-586 POWERINT-LNK584-586 Datasheet
1Mb / 16P
   Zero Standby Consumption Integrated Off-Line Switcher
logo
Dialog Semiconductor
IW1700 DIALOG-IW1700 Datasheet
1Mb / 12P
   Zero Power No-Load Off-Line Digital PWM Controller
logo
Renesas Technology Corp
IW1700 RENESAS-IW1700 Datasheet
847Kb / 16P
   Zero Power No-Load Off-Line Digital PWM Controller
10-Feb-2022
logo
Monolithic Power System...
MP158 MPS-MP158 Datasheet
711Kb / 20P
   Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
MP156 MPS-MP156 Datasheet
588Kb / 20P
   Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
logo
Power Integrations, Inc...
TOP232PN POWERINT-TOP232PN Datasheet
644Kb / 36P
   Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP232 POWERINT-TOP232 Datasheet
3Mb / 38P
   Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP234G-TL POWERINT-TOP234G-TL Datasheet
644Kb / 36P
   Design Flexible, EcoSmart® , Integrated Off-line Switcher
July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com