Electronic Components Datasheet Search |
|
CPH5504 Datasheet(PDF) 1 Page - Sanyo Semicon Device |
|
CPH5504 Datasheet(HTML) 1 Page - Sanyo Semicon Device |
1 / 4 page CPH5504 No.6793-1/4 Applications • DC-DC converter, relay drivers, lamp drivers, motor drivers, flash. Features • Composite type with 2 NPN transistors in one package facilitating high-density mounting. • The CPH5504 is composed of 2 chips each equivaient to the CPH3205. • Ultrasmall package facilitates miniaturization in end products. (mounting height : 0.9mm) Specifications Absolute Maximum Ratings at Ta=25 °C Parameter Symbol Conditions Ratings Unit Collector-to-Base Voltage VCBO 100 V Collector-to-Emitter Voltage VCES 100 V Collector-to-Emitter Voltage VCEO 50 V Emitter-to-Base Voltage VEBO 6V Collector Current IC 3A Collector Current (Pulse) ICP 6A Base Current IB 600 mA Collector Dissipation PC Mounted on a ceramic board (600mm2!0.8mm) 0.9 W Total Power Dissipation PT Mounted on a ceramic board (600mm2!0.8mm) 1.2 W Junction Temperature Tj 150 °C Storage Temperature Tstg -55 to +15 °C Electrical Characteristics at Ta=25 °C Ratings Parameter Symbol Conditions min typ max Unit Collector Cutoff Current ICBO VCB=40V, IE=0A 1 µA Emitter Cutoff Current IEBO VEB=4V, IC=0A 1 µA DC Current Gain hFE1VCE=2V, IC=100mA 200 560 hFE2VCE=2V, IC=3A 70 Gain-Bandwidth Product fT VCE=10V, IC=500mA 380 MHz Output Capacitance Cob VCB=10V, f=1MHz 13 pF Collector-to-Emitter Saturation Voltage VCE(sat) IC=1A, IB=50mA 80 120 mV IC=2A, IB=100mA 140 210 mV Base-to-Emitter Saturation Voltage VBE(sat) IC=2A, IB=100mA 0.88 1.2 V Marking : ED Continued on next page. SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN Ordering number : ENN6793A 62005EA MS IM TB-00001409 / 21401 TS IM TA-2946 Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein. CPH5504 NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications |
Similar Part No. - CPH5504 |
|
Similar Description - CPH5504 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |