Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50A02CH Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 50A02CH
Description  Low-Frequency General-Purpose Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

50A02CH Datasheet(HTML) 2 Page - Sanyo Semicon Device

  50A02CH_10 Datasheet HTML 1Page - Sanyo Semicon Device 50A02CH_10 Datasheet HTML 2Page - Sanyo Semicon Device 50A02CH_10 Datasheet HTML 3Page - Sanyo Semicon Device 50A02CH_10 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
50A02CH
No.7487-2/4
Collector-to-Emitter Voltage, VCE -- mV
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
0
0
--100
--50
IC -- VCE
IT05118
IT05119
--200
--150
--300
--250
--500
--450
--400
--350
--200
--600
--400
--800
--1000
--100
--500
--300
--700
--900
0
0
IC -- VBE
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--200
--600
--500
--400
--300
--100
IB=0μA
--200
μA
--1mA
--500
μA
--2mA
--5mA
--10mA
--15mA
--30mA
--20mA
--25mA
VCE= --2V
IT05120
3
100
hFE -- IC
--1.0
2
3
5
7 --10
2
3
5
7
2
3
5
7
--100
--1000
2
3
5
1000
7
5
7
Ta=75°C
25°C
--25°C
VCE= --2V
IT05410
--1.0
23
5
7 --10
23
5
7
2
3
5
7
--100
--100
2
2
3
5
7
3
--10
Ta=75
°C
--25
°C
25°
C
IC / IB=10
VCE(sat) -- IC
Collector Current, IC -- mA
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gain-Bandwidth Product
fT
VCE=--10V, IC=--50mA
690
MHz
Output Capacitance
Cob
VCB=--10V, f=1MHz
3.8
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--100mA, IB=--10mA
--60
--120
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=--100mA, IB=--10mA
--0.9
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--10μA, IE=0A
--50
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--10μA, IC=0A
--5
V
Turn-ON Time
ton
See specified Test Circuit.
30
ns
Storage Time
tstg
See specified Test Circuit.
170
ns
Fall Time
tf
See specified Test Circuit.
30
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7015A-003
1 : Base
2 : Emitter
3 : Collector
SANYO : CPH3
2.9
0.05
0.4
0.15
2
1
3
0.95
VR
RB
VCC= --25V
VBE=5V
+
+
50Ω
INPUT
OUTPUT
RL
220μF470μF
PW=20μs
IB1
D.C.≤1%
IB2
IC=20IB1= --20IB2= --200mA


Similar Part No. - 50A02CH_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
50A02CH SANYO-50A02CH_12 Datasheet
532Kb / 7P
   Low-Frequency General-Purpose Amplifi er Applications
logo
ON Semiconductor
50A02CH ONSEMI-50A02CH_16 Datasheet
304Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
More results

Similar Description - 50A02CH_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3101C SANYO-EC3101C Datasheet
35Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
logo
Unisonic Technologies
2SK303 UTC-2SK303_11 Datasheet
131Kb / 2P
   LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
08C02SS SANYO-08C02SS Datasheet
30Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
50A02CH SANYO-50A02CH Datasheet
33Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
30A01SP SANYO-30A01SP Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02CH SANYO-12A02CH_12 Datasheet
520Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com