Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LNK406 Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part No. LNK406
Description  LinkSwitch-PH LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERINT [Power Integrations, Inc.]
Homepage  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK406 Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button LNK406 Datasheet HTML 9Page - Power Integrations, Inc. LNK406 Datasheet HTML 10Page - Power Integrations, Inc. LNK406 Datasheet HTML 11Page - Power Integrations, Inc. LNK406 Datasheet HTML 12Page - Power Integrations, Inc. LNK406 Datasheet HTML 13Page - Power Integrations, Inc. LNK406 Datasheet HTML 14Page - Power Integrations, Inc. LNK406 Datasheet HTML 15Page - Power Integrations, Inc. LNK406 Datasheet HTML 16Page - Power Integrations, Inc. LNK406 Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Rev. D 08/11
13
LNK403-409/413-419
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -20 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Switching Frequency
f
OSC
T
J = 25 °C
Average
62
66
70
kHz
Peak-Peak Jitter
9
Frequency Jitter
Modulation Rate
f
M
T
J = 25 °C
See Note B
1
kHz
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V,
T
J = 25 °C
LNK403, LNK413
-5.0
-4.2
-3.4
mA
LNK404, LNK414
-9.6
-8.0
-6.4
LNK405-409,
LNK415-419
-15
-11.9
-8.8
I
CH2
V
BP = 5 V,
T
J = 25 °C
LNK403, LNK413
-1.6
-1.2
-0.6
LNK404, LNK414
-4.2
-3.5
-2.8
LNK405-409,
LNK415-419
-8.2
-6.4
-4.6
Charging Current
Temperature Drift
See Note A
0.5
%/°C
BYPASS Pin Voltage
V
BP
0 °C < T
J < 100 °C
5.7
5.9
6.1
V
BYPASS Pin Voltage
Hysteresis
V
BP(H)
0 °C < T
J < 100 °C
0.85
V
BYPASS Pin
Shunt Voltage
V
BP(SHUNT)
I
BP = 2 mA
0 °C < T
J < 100 °C
6.0
6.4
6.7
V
Soft-Start Time
t
SOFT
T
J = 25 °C
V
BP = 5.9 V
40
ms
Absolute Maximum Ratings(1,4)
DRAIN Pin Peak Current(5): LNK403, LNK413 ...................1.37 A
LNK404, LNK414 ...................2.08 A
LNK405, LNK415 ...................2.72 A
LNK406, LNK416 .................. 4.08 A
LNK407, LNK417 .................. 5.44 A
LNK408, LNK418 .................. 6.88 A
LNK409, LNK419 ................... 7.73 A
DRAIN Pin Voltage ………………………................ -0.3 to 725 V
BYPASS Pin Voltage ……………………… ................. -0.3 to 9 V
BYPASS Pin Current ………………………..................... 100 mA
VOLTAGE MONITOR Pin Voltage …....................………-0.3 to 9 V
FEEDBACK Pin Voltage …….. .................................. -0.3 to 9 V
REFERENCE Pin Voltage .......................................... -0.3 to 9 V
Lead Temperature(3) ................................................................260 °C
Storage Temperature …………………................... -65 to 150 °C
Operating Junction Temperature(2).........................-40 to 150 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16 in. from case for 5 seconds.
4. Absolute Maximum Ratings specified may be applied, one
at a time without causing permanent damage to the
product. Exposure to Absolute Maximum Ratings for
extended periods of time may affect product reliability.
5. Peak DRAIN current is allowed while the DRAIN voltage is
simultaneously less than 400 V. See also Figure 17.
Thermal Resistance
Thermal Resistance: eSIP Package:
(q
JA) .................................................... 105 °C/W
(1)
(q
JC) ............................................... ...........2 °C/W
(2)
Notes:
1. Free Standing with no heat sink.
2. Measured at back surface tab.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn