Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK404 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # LNK404
Description  LinkSwitch-PH LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK404 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  LNK404 Datasheet HTML 1Page - Power Integrations, Inc. LNK404 Datasheet HTML 2Page - Power Integrations, Inc. LNK404 Datasheet HTML 3Page - Power Integrations, Inc. LNK404 Datasheet HTML 4Page - Power Integrations, Inc. LNK404 Datasheet HTML 5Page - Power Integrations, Inc. LNK404 Datasheet HTML 6Page - Power Integrations, Inc. LNK404 Datasheet HTML 7Page - Power Integrations, Inc. LNK404 Datasheet HTML 8Page - Power Integrations, Inc. LNK404 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Rev. D 08/11
5
LNK403-409/413-419
www.powerint.com
Application Example
14 W TRIAC Dimmable High Power Factor LED Driver
Design Example
The circuit schematic in Figure 7 shows a TRIAC dimmable high
power-factor LED driver based on LNK406EG from the
LinkSwitch-PH family of devices. It was optimized to drive an
LED string at a voltage of 28 V with a constant current of 0.5 A
(±5%) ideal for PAR lamp retro-fit applications. The design
operates over a universal input voltage range of 90 VAC to
265 VAC but provides the specified output current tolerance
over a line voltage range of 90 VAC to 132 VAC (this is configurable
for high-line only applications by simple component value changes).
The key goals of this design were compatibility with standard
leading edge TRIAC AC dimmers, very wide dimming range
(1000:1, 500 mA:0.5 mA), high efficiency (>85%) and high power
factor (>0.9). The design is fully protected from faults such as
no-load, overload and output short-circuit conditions and over
temperature.
Circuit Description
The LinkSwitch-PH device (U1) integrates the power FET,
controller and start-up functions into a single package reducing
the component count versus typical implementations. Configured
as part of an isolated continuous conduction mode flyback
converter, U1 provides high power factor via its internal control
algorithm together with the small input capacitance of the
design. Continuous conduction mode operation results in
reduced primary peak and RMS current. This both reduces
EMI noise, allowing simpler, smaller EMI filtering components and
improves efficiency. Output current regulation is maintained
without the need for secondary side sensing which eliminates
current sense resistors and improves efficiency.
Input Stage
Fuse F1 provides protection from component failures while RV1
provides a clamp during differential line surges, keeping the
peak drain voltage of U1 below the 725 V rating of the internal
power FET. Bridge rectifier BR1 rectifies the AC line voltage.
EMI filtering is provided by L1-L3, C1, R16 and R17 together with
the safety rated Y class capacitor (C7) that bridges the safety
isolation barrier between primary and secondary. Resistor R16
and R17 act to damp any resonances formed between L1, L2,
C1 and the AC line impedance. A small bulk capacitor (C2) is
required to provide a low impedance source for the primary
switching current. The maximum value of C1 and C2 is limited in
order to maintain a power factor of greater than 0.9.
LinkSwitch-PH Primary
To provide peak line voltage information to U1 the incoming
rectified AC peak charges C3 via D2. This is then fed into the
VOLTAGE MONITOR pin of U1 as a current via R2 and R3. This
sensed current is also used by the device to set the line input
overvoltage and undervoltage protection thresholds. Resistor
R1 provides a discharge path for C3 with a time constant much
longer than that of the rectified AC to prevent generation of line
frequency ripple.
The VOLTAGE MONITOR pin current and the FEEDBACK pin
current are used internally to control the average output LED
current. For TRIAC phase-dimming applications a 49.9 kW
resistor (R4) is used on the REFERENCE pin and 4 MW (R2+R3)
on the VOLTAGE MONITOR pin to provide a linear relationship
between input voltage and the output current and maximizing
the dimming range. Resistor R4 also sets the internal line input
undervoltage and overvoltage protection thresholds.
R11
2.4 M
R9
750 k
1%
R10
750 k
1%
PI-5997-061510
D
S
BP
V
R
FB
CONTROL
FL1
T1
RM8
11
1
FL2
3
2
R2
2 M
1%
R1
240 k
1/2 W
R16
1 k
L1
1000
µH
L3
1000
µH
L2
1000
µH
R17
1 k
R3
2 M
1%
R4
49.9 k
1%
R6
162 k
1%
R15
20 k
28 V, 500 mA
90 - 265
VAC
RTN
L
N
R7
10 k
R8
150
R5
3 k
R19
1 k
D2
DL4007
D3
UF4007
D5
1N4148
VR3
ZMM5259B-7
39 V
Q3
MMBT3904
D7
BAV21WS-7-F
D6
DL4936
D8
MBRS4201T3G
D4
UF4002
VR1
P6KE200A
R20
10 k
BR1
2KBP06M
600 V
F1
3.15 A
RV1
275 VAC
C8
330
µF
50 V
C7
2.2 nF
250 VAC
C10
330
µF
50 V
C4
10
µF
16 V
C12
1
µF
50 V
C13
100 nF
50 V
C5
22
µF
50 V
LinkSwitch-PH
U1
LNK406EG
C3
1
µF
400 V
C1
47 nF
275 VAC
C2
100 nF
630 V
R18
510
1 W
C11
220 nF
630 V
R12
15
1%
R13
130
1/2 W
D1
DL4002
Q2
IRFR310
VR2
ZMM5245B-7
15 V
Q1
FMMT558
C6
15 nF
50 V
Figure 7.
Schematic of an Isolated, TRIAC Dimmable, High Power Factor, Universal Input, 14 W LED Driver.


Similar Part No. - LNK404

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK404 POWERINT-LNK404 Datasheet
1Mb / 20P
   Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LNK404EG POWERINT-LNK404EG Datasheet
1Mb / 20P
   Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LNK404LG POWERINT-LNK404LG Datasheet
1Mb / 20P
   Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
More results

Similar Description - LNK404

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4317E POWERINT-LYT4317E Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Power Integrations, Inc...
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com