Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LNK408LG Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part No. LNK408LG
Description  LinkSwitch-PH LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERINT [Power Integrations, Inc.]
Homepage  http://www.powerint.com
Logo 

LNK408LG Datasheet(HTML) 16 Page - Power Integrations, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Rev. D 08/11
16
LNK403-409/413-419
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -20 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Output
ON-State Resistance
R
DS(ON)
LNK403, LNK413
I
D = 100 mA
T
J = 25 °C
9.00
10.35
W
T
J = 100 °C
13.50
15.5
LNK404, LNK414
I
D = 100 mA
T
J = 25 °C
5.40
6.25
T
J = 100 °C
8.35
9.7
LNK405, LNK415
I
D = 150 mA
T
J = 25 °C
4.10
4.7
T
J = 100 °C
6.30
7.3
LNK406, LNK416
I
D = 150 mA
T
J = 25 °C
2.80
3.2
T
J = 100 °C
4.10
4.75
LNK407, LNK417
I
D = 200 mA
T
J = 25 °C
2.00
2.3
T
J = 100 °C
3.10
3.6
LNK408, LNK418
I
D = 250 mA
T
J = 25 °C
1.60
1.85
T
J = 100 °C
2.40
2.8
LNK409, LNK419
I
D = 350 mA
T
J = 25 °C
1.40
1.6
T
J = 100 °C
2.1
2.45
OFF-State Drain
Leakage Current
I
DSS
V
BP = 6.4 V
V
DS = 560 V
T
J = 100 °C
50
mA
Breakdown Voltage
BV
DSS
V
BP = 6.4 V
T
J = 25 °C
725
V
Minimum Drain
Supply Voltage
T
J < 100 °C
36
V
Rise Time
t
R
Measured in a Typical Flyback
100
ns
Fall Time
t
F
50
ns
NOTES:
A. For specifications with negative values, a negative temperature coefficient corresponds to an increase in magnitude with increas-
ing temperature and a positive temperature coefficient corresponds to a decrease in magnitude with increasing temperature.
B. Guaranteed by characterization. Not tested in production.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn