Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LNK408LG Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part No. LNK408LG
Description  LinkSwitch-PH LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK408LG Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button LNK408LG Datasheet HTML 10Page - Power Integrations, Inc. LNK408LG Datasheet HTML 11Page - Power Integrations, Inc. LNK408LG Datasheet HTML 12Page - Power Integrations, Inc. LNK408LG Datasheet HTML 13Page - Power Integrations, Inc. LNK408LG Datasheet HTML 14Page - Power Integrations, Inc. LNK408LG Datasheet HTML 15Page - Power Integrations, Inc. LNK408LG Datasheet HTML 16Page - Power Integrations, Inc. LNK408LG Datasheet HTML 17Page - Power Integrations, Inc. LNK408LG Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Rev. D 08/11
14
LNK403-409/413-419
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -20 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions (cont.)
Drain Supply Current
I
CD2
0 °C < T
J < 100 °C
FET Not Switching
1.0
1.3
1.6
mA
I
CD1
0 °C < T
J < 100 °C
FET Switching at f
OSC
0.9
1.5
2.25
VOLTAGE MONITOR Pin
Line Brown-In
Threshold Current
I
UV+
T
J = 25 °C
R
R = 24.9 kW
21.0
22.5
24.0
mA
R
R = 49.9 kW
22.8
24.5
26.2
Line Brown-Out
Threshold Current
I
UV-
T
J = 25 °C
R
R = 24.9 kW
18.5
mA
R
R = 49.9 kW
15.0
Line Brown-In/Out
Hysteresis
I
UV(H)
T
J = 25 °C
R
R = 24.9 kW
1
4
mA
R
R = 49.9 kW
5
9.4
Line Overvoltage
Threshold
I
OV
T
J = 25 °C
R
R = 24.9 kW
R
R = 49.9 kW
Threshold
107
112
117
mA
Hysteresis
4
VOLTAGE MONITOR Pin
Voltage
V
V
0 °C < T
J < 100 °C
I
UV- < IV < IOV
2.75
3.0
3.25
V
VOLTAGE MONITOR Pin
Short-Circuit Current
I
V(SC)
V
V = 5 V
T
J = 25 °C
170
190
210
mA
Remote ON/OFF
Threshold
V
V(REM)
T
J = 25 °C
0.5
V
FEEDBACK Pin
FEEDBACK Pin Current
at Onset of Maximum
Duty Cycle
I
FB(DCMAXR)
0 °C < T
J < 100 °C
85
mA
FEEDBACK Pin Current
Skip Cycle Threshold
I
FB(SKIP)
0 °C < T
J < 100 °C
220
mA
Maximum Duty Cycle
DC
MAX
I
FB(DCMAXR) < IFB < IFB(SKIP)
0 °C < T
J < 100 °C
90
99.9
%
FEEDBACK Pin Voltage
V
FB
I
FB = 150 mA
0 °C < T
J < 100 °C
2.08
2.40
2.62
V
FEEDBACK Pin
Short-Circuit Current
I
FB(SC)
V
FB = 5 V
T
J = 25 °C
320
400
480
mA
Duty Cycle Reduction
DC10
I
FB = IFB(AR), TJ = 25 °C, See Note B
10
%
DC40
I
FB = 40 mA, TJ = 25 °C
20
DC60
I
FB = 60 mA, TJ = 25 °C
36


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn