Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LNK408LG Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part No. LNK408LG
Description  LinkSwitch-PH LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK408LG Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button LNK408LG Datasheet HTML 8Page - Power Integrations, Inc. LNK408LG Datasheet HTML 9Page - Power Integrations, Inc. LNK408LG Datasheet HTML 10Page - Power Integrations, Inc. LNK408LG Datasheet HTML 11Page - Power Integrations, Inc. LNK408LG Datasheet HTML 12Page - Power Integrations, Inc. LNK408LG Datasheet HTML 13Page - Power Integrations, Inc. LNK408LG Datasheet HTML 14Page - Power Integrations, Inc. LNK408LG Datasheet HTML 15Page - Power Integrations, Inc. LNK408LG Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Rev. D 08/11
12
LNK403-409/413-419
www.powerint.com
Figure 13. RD-193 7 W Layout Example, Bottom Layer.
PI-5988-060110
VR2
R4
R7
R20
C13
BR1
S
S
D7
R17
D1
R13
D6
R12
D1
D5
R9
D3
R5
D2
R6
R18
F1
B3
Output
Rectifier
Bridge Rectifier
Active Damper
MOSFET
Quick Design Checklist
Maximum Drain Voltage
Verify that the peak V
DS does not exceed 725 V under all
operating conditions including start up and fault conditions.
Maximum Drain Current
Measure the peak drain current under all operation conditions
including start up and fault conditions. Look for signs of
transformer saturation (usually occurs at highest operating
ambient temperatures). Verify that the peak current is less that
stated for the Absolute Maximum Rating in the data sheet.
Thermal Check
At maximum output power, both minimum and maximum line
voltage and ambient temperature; verify that temperature
specifications are not exceeded for the LinkSwitch-PH,
transformer, output diodes, output capacitors and drain clamp
components.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn