Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LNK408LG Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part No. LNK408LG
Description  LinkSwitch-PH LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERINT [Power Integrations, Inc.]
Homepage  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK408LG Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LNK408LG Datasheet HTML 3Page - Power Integrations, Inc. LNK408LG Datasheet HTML 4Page - Power Integrations, Inc. LNK408LG Datasheet HTML 5Page - Power Integrations, Inc. LNK408LG Datasheet HTML 6Page - Power Integrations, Inc. LNK408LG Datasheet HTML 7Page - Power Integrations, Inc. LNK408LG Datasheet HTML 8Page - Power Integrations, Inc. LNK408LG Datasheet HTML 9Page - Power Integrations, Inc. LNK408LG Datasheet HTML 10Page - Power Integrations, Inc. LNK408LG Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Rev. D 08/11
7
LNK403-409/413-419
www.powerint.com
7 W High Power Factor Non-Dimmable LED Driver
Design Example with Enhanced Line Regulation
The circuit schematic in Figure 7 shows a high power-factor
LED driver based on a LNK413EG from the LinkSwitch-PH
family of devices. It was optimized to drive an LED string at a
voltage of 21 V with a constant current of 0.33 A, ideal for
PAR20/PAR30 lamp retro-fit applications. The design operates
over the universal input voltage range of 90 VAC to 265 VAC
and is a non-dimming application. A non-dimming application
has tighter output current variation with changes in the line
voltage than a dimming application. It’s key to note that, although
not specified for dimming, no circuit damage will result if the
end user does operate the design with a phase controlled
dimmer.
Circuit Description
Input Stage
Fuse F1 provides protection from component failures while RV1
provides a clamp during differential line surges, keeping the
peak drain voltage of U1 below the 725 V rating of the internal
power FET. Bridge rectifier BR1 rectifies the AC line voltage.
EMI filtering is provided by L1-L3, C2 together with the safety
rated Y class capacitor (C7) that bridges the safety isolation
barrier between primary and secondary. Resistor R2 and R3
act to damp any resonances formed between L1, L2, C2 and
the AC line impedance. A small bulk capacitor (C3) is required
to provide a low impedance source for the primary switching
current. The maximum value of C2 and C3 is limited in order to
maintain a power factor of greater than 0.9.
LinkSwitch-PH Primary
To provide peak line voltage information to U1 the incoming
rectified AC peak charges C8 via D6. This is then fed into the
VOLTAGE MONITOR pin of U1 as a current via R4, R7 and R8.
The VOLTAGE MONITOR pin current and the FEEDBACK pin
current are used internally to control the average output LED
current. The combined value of R4, R7 and R8 (3.909 MW)
and R11, R12 (1.402 MW) connected to the VOLTAGE MONITOR
pin provides excellent line regulation over the entire 90 VAC to
265 VAC input range.
The VOLTAGE MONITOR pin current is also used by the device
to set the line input overvoltage and undervoltage protection
thresholds.
Diode D1 and VR1 clamp the drain voltage to a safe level due to
the effects of leakage inductance. A Zener clamp was selected
for lowest component count and highest efficiency. Diode D5 is
necessary to prevent reverse current from flowing through U1
during the period when the AC input voltage is lower than the
reflected output voltage (V
OR). A space efficient RM6 core was
selected for this design. The RM core geometry helps
minimizes audible noise but requires the use of flying leads to
meet safety spacing requirements.
Diode D3, C6, R5, R9 and R18 create the primary bias supply
from an auxiliary winding on the transformer. Resistor R5
provides filtering of leakage inductance generated voltage
spikes to improve tracking of the bias and output voltages. It
also forms a pole with C6 at ~100 Hz. Resistors R9 and R18
act as a small load to ensure that the bias voltage collapses
during output short-circuit when U1 enters auto-restart
operation to protect the supply.
Output overvoltage and load disconnection protection is
provided by D8, C14, R24, VR3, C15, R23 and Q2. Should the
output LED load become disconnected the output voltage will
rise causing an associated rise in the bias winding voltage
across C14. Once this exceeds the voltage rating of VR3, Q2
turns on pulling down the FEEDBACK pin of U1 and initiating
auto-restart operation. Once in auto-restart the low duty cycle
of operation (~3%) together with the small pre-load on the
output prevents the output voltage rising to a high level. Once
the output load is reconnected normal operation resumes.
Capacitor C12 provides local decoupling for the BYPASS pin of
U1 which is the supply pin for the internal controller. During
Figure 8.
Schematic of an Isolated, Non-Dimmable, High Power Factor, Universal Input, 7 W LED Driver.
PI-5991-101210
D
S
BP
V
R
FB
CONTROL
FL2
T1
RM6
FL1
1
FL3
6
2
R4
2 M
1%
R2
1 k
L1
1000
µH
L3
1000
µH
L2
1000
µH
R3
1 k
R7
1 M
1%
R8
909 k
1%
R11
1.0 M
1%
R12
402 k
1%
R19
24.9 k
1%
R15
150 k
R6
20 k
21 V, 330 mA
90 - 265
VAC
RTN
L
N
R9
10 k
R18
10 k
R5
75
R10
3 k
R23
1 k
D6
DL4007
D1
UF4007
D4
1N4148
VR3
ZMM5259B-7
39 V
Q2
MMBT3904
D8
BAV21WS-7-F
D3
DL4936
D2
MBRS4201T3G
D5
ES1D
VR1
P6KE200A
R24
10 k
BR1
DF06S-E3/45
600 V
F1
3.15 A
RV1
275 VAC
C5
150
µF
35 V
C7
2.2 nF
250 VAC
C4
150
µF
35 V
C12
10
µF
10 V
C14
1
µF
50 V
C15
100 nF
50 V
C6
22
µF
50 V
LinkSwitch-PH
U1
LNK413EG
C8
1
µF
400 V
C2
22 nF
275 VAC
C3
100 nF
400 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn