Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK458VG-TL Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # LNK458VG-TL
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK458VG-TL Datasheet(HTML) 5 Page - Power Integrations, Inc.

  LNK458VG-TL Datasheet HTML 1Page - Power Integrations, Inc. LNK458VG-TL Datasheet HTML 2Page - Power Integrations, Inc. LNK458VG-TL Datasheet HTML 3Page - Power Integrations, Inc. LNK458VG-TL Datasheet HTML 4Page - Power Integrations, Inc. LNK458VG-TL Datasheet HTML 5Page - Power Integrations, Inc. LNK458VG-TL Datasheet HTML 6Page - Power Integrations, Inc. LNK458VG-TL Datasheet HTML 7Page - Power Integrations, Inc. LNK458VG-TL Datasheet HTML 8Page - Power Integrations, Inc. LNK458VG-TL Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Rev. A 11/01/10
5
LNK454/456-458/460
www.powerint.com
IC Supply and BYPASS Pin
The internal 5.85 V regulator charges the bypass capacitor
connected to the BYPASS pin to 5.85 V by drawing current
from the voltage on the DRAIN pin whenever the power MOSFET
is off. The BYPASS pin is the internal supply voltage node.
When the power MOSFET is on, the device operates from the
energy stored in the bypass capacitor. Extremely low power
consumption of the internal circuitry allows LinkSwitch-PL to
operate continuously from current it takes from the DRAIN pin.
A bypass capacitor value of 1
µF is sufficient for both high
frequency decoupling and energy storage. Dimming
applications may require a higher bypass capacitor value.
During phase angle dimming when the conduction angle is
small the AC input voltage is present for only short periods of
time. In that case the IC should not rely on the integrated high
voltage current source, but instead external bias circuitry should
be used to supply the IC from the output (D
ES and RES in Figure
4). If the output voltage is less than 7 V, external bias circuitry
should be implemented. This is accomplished by adding an
auxiliary winding on the transformer, which is then rectified and
filtered via a diode (ultrafast) and capacitor. The winding voltage
(turns) should be selected such that the maximum IC consumption
can be supported at the lowest operating output current.
Start-up, Switching Frequency and On-time Range
At start-up the controller uses an initial switching frequency f
MIN
and minimum on-time t
ON(MIN). The charging of the output
capacitor together with the energy delivery to the output LEDs
determines a step-by-step increase of the power MOSFET
switching frequency and on-time updated every half-cycle of the
AC input voltage.
The steady state switching frequency and on-time are
determined by the line voltage, voltage drop across the LEDs
and converter efficiency.
At light load when the device reaches the minimum frequency
f
MIN and on-time tON(MIN), the controller regulates by skipping
cycles. In this mode of operation the input current is not power
factor corrected and the average output current is not
guaranteed to fall within the normal range. The FEEDBACK pin
cycle skipping threshold is reduced from approximately twice
the normal regulation level down to just above the level required
to limit output power delivery under these conditions. A
properly designed supply will not operate in this mode under
normal load conditions. A power supply designed correctly will
operate within the switching frequency range [f
MIN … fMAX], with
an on-time falling between t
ON(MIN) and tON(MAX) when connected
to a normal load.
Overload Protection
In case of overload, the system will increase the operating
frequency and on-time each AC half-cycle until the maximum
frequency and maximum on-time are reached. When this state
is reached, the controller enters auto-restart protection, thus
inhibiting the gate of the power MOSFET for approximately
1.28 s if the main line frequency is 50 Hz, 1.02 s if it is 60 Hz.
After this auto-restart off-time expires, the power MOSFET is
re-enabled and a normal start-up is initiated, i.e. at f
MIN and
t
ON(MIN), stepping up until regulation is achieved again. In case of
a persistent overload condition, the auto-restart duty cycle DC
AR
is ~33%.
Overload protection is inhibited during phase dimming when the
TRIAC conduction duty cycle is less than 60%.
Output Overvoltage Protection
If a no-load condition is present on the output of the supply, the
output overvoltage Zener (DZ
OV in Figure 4) will conduct once its
threshold is reached. A voltage V
OV in excess of VFB(AR) = 2 V will
appear across the FEEDBACK pin and the IC will enter auto-
restart.
Output Short-Circuit
If the output of the supply (i.e. the LED load) is short-circuited,
then a large amount of energy will be delivered to the sense
resistor, generating a high voltage at the FEEDBACK pin. If this
condition develops more than 2 V on the FEEDBACK pin, then
the IC will interpret this event as an output short-circuit and will
enter auto-restart.
Safe Operating Area (SOA) Protection
If 3 consecutive cycles of the power MOSFET are prematurely
terminated due to the power MOSFET current exceeding the
current limit after the leading edge blanking time, SOA protection
mode is triggered and the IC will enter auto-restart.
Hysteretic Thermal Shutdown
The thermal shutdown circuitry senses the die junction
temperature. The thermal shutdown threshold is set to 142 °C
typical with a 75 °C hysteresis. When the die temperature rises
above this threshold (142 °C) the power MOSFET is disabled
and remains disabled until the die temperature falls by 75 °C, at
which point the power MOSFET is re-enabled.


Similar Part No. - LNK458VG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK458V POWERINT-LNK458V Datasheet
1Mb / 12P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK458V POWERINT-LNK458V Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
More results

Similar Description - LNK458VG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454 Datasheet
1Mb / 12P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454 POWERINT-LNK454_11 Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
LYT3314 POWERINT-LYT3314 Datasheet
1Mb / 18P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Outstanding TRIAC Dimming in Isolated and Non-Isolated Topologies
April 2016
LNK403 POWERINT-LNK403_V01 Datasheet
1Mb / 20P
   Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LYT5216 POWERINT-LYT5216 Datasheet
838Kb / 14P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies
March 2016
logo
SHENZHEN FUMAN ELECTRON...
FM7605 FUMAN-FM7605 Datasheet
609Kb / 9P
   Non-isolated step-down four-stage dimming LED constant current driver IC
logo
Power Integrations, Inc...
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
logo
SHENZHEN FUMAN ELECTRON...
FM7606 FUMAN-FM7606 Datasheet
256Kb / 9P
   Non-isolated buck automatic cycle dimming LED constant current driver IC
logo
Shenzhen Tianyuan Semic...
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
   Three-stage switch dimming non-isolated buck LED constant current driver chip
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
   Single stage, primary control with PFC and dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com