Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK458KG-TL Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # LNK458KG-TL
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK458KG-TL Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button LNK458KG-TL Datasheet HTML 6Page - Power Integrations, Inc. LNK458KG-TL Datasheet HTML 7Page - Power Integrations, Inc. LNK458KG-TL Datasheet HTML 8Page - Power Integrations, Inc. LNK458KG-TL Datasheet HTML 9Page - Power Integrations, Inc. LNK458KG-TL Datasheet HTML 10Page - Power Integrations, Inc. LNK458KG-TL Datasheet HTML 11Page - Power Integrations, Inc. LNK458KG-TL Datasheet HTML 12Page - Power Integrations, Inc. LNK458KG-TL Datasheet HTML 13Page - Power Integrations, Inc. LNK458KG-TL Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev. A 11/01/10
10
LNK454/456-458/460
www.powerint.com
Secondary Side Connections
The output rectifier and output filter capacitor should be as
close as possible. The transformer output return pin should
have a short trace to the return side of the output filter
capacitor. These currents should not flow through the primary
side source pin currents. The primary side source pin and
secondary side return should be connected with a short trace.
Quick Design Checklist
Maximum Drain Voltage
Verify that the peak V
DS does not exceed 700 V under all
operating conditions including start-up and fault conditions.
Maximum Drain Current
Measure the peak drain current under all operation conditions
including start-up and fault conditions. Look for signs of
transformer saturation (usually occurs at high ambient
temperatures). Verify that the peak current is less than stated in
the Absolute Maximum Ratings section.
Thermal Check
At maximum output power, both minimum and maximum line
voltage and ambient temperature; verify that temperature
specifications are not exceeded for the LinkSwitch-PL,
transformer, output diodes, output capacitors and drain clamp
components.
Figure 12. RD-251 PCB Top View.
Figure 13. RD-251 PCB Bottom View.
Transformer
U1
Bulk Capacitor
Copper Heat Sink Area
Output Filter
Capacitor
Switching
Current Loop
(Primary)
PI-6212-102810
Transformer
U1
Bulk Capacitor
Connection Between
Primary and Secondary
Switching
Current Loop
(Secondary)
PI-6213-102810


Similar Part No. - LNK458KG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK458K POWERINT-LNK458K Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
More results

Similar Description - LNK458KG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454 Datasheet
1Mb / 12P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454 POWERINT-LNK454_11 Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
LYT3314 POWERINT-LYT3314 Datasheet
1Mb / 18P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Outstanding TRIAC Dimming in Isolated and Non-Isolated Topologies
April 2016
LNK403 POWERINT-LNK403_V01 Datasheet
1Mb / 20P
   Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LYT5216 POWERINT-LYT5216 Datasheet
838Kb / 14P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies
March 2016
logo
SHENZHEN FUMAN ELECTRON...
FM7605 FUMAN-FM7605 Datasheet
609Kb / 9P
   Non-isolated step-down four-stage dimming LED constant current driver IC
logo
Power Integrations, Inc...
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
logo
SHENZHEN FUMAN ELECTRON...
FM7606 FUMAN-FM7606 Datasheet
256Kb / 9P
   Non-isolated buck automatic cycle dimming LED constant current driver IC
logo
Shenzhen Tianyuan Semic...
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
   Three-stage switch dimming non-isolated buck LED constant current driver chip
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
   Single stage, primary control with PFC and dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com