Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5LP01S Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 5LP01S
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

5LP01S Datasheet(HTML) 2 Page - Sanyo Semicon Device

  5LP01S Datasheet HTML 1Page - Sanyo Semicon Device 5LP01S Datasheet HTML 2Page - Sanyo Semicon Device 5LP01S Datasheet HTML 3Page - Sanyo Semicon Device 5LP01S Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5LP01S
No.6666-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--70mA
1.40
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--70mA
0.16
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--70mA
0.23
nC
Diode Forward Voltage
VSD
IS=--70mA, VGS=0V
--0.85
--1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm
7027-004
3
1
2
1.6
0.8
0.4
0.4
0.1 MIN
1 : Gate
2 : Source
3 : Drain
SANYO : SMCP
PW=10
µs
D.C.
≤1%
0V
--4V
VIN
P.G
50
G
D
ID= --40mA
RL=625Ω
VDD= --25V
VOUT
5LP01S
S
VIN
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
0
--0.07
--0.06
--0.05
--0.04
--0.03
--0.02
--0.01
ID -- VDS
VGS= --1.5V
--2.0V
--2.5V
0
0
--0.5
--1.0
--1.5
--2.0
--0.14
--0.12
--0.10
--0.08
--0.06
--0.04
--0.02
--2.5
--3.0
--4.0
--3.5
ID -- VGS
VDS= --10V
0
10
--1
15
--2
20
--3
25
30
--4
--5
35
--6
40
--7
--8
--9
--10
RDS(on) -- VGS
Ta=25
°C
10
100
7
5
3
2
RDS(on) -- ID
VGS= --4V
IT00090
IT00092
IT00091
IT00093
ID= --20mA
--40mA
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Gate-to-Source Voltage, VGS -- V
--0.01
--0.1
23
5
7
2
3
Ta=75
°C
25
°C
--25
°C


Similar Part No. - 5LP01S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
5LP01S SANYO-5LP01S Datasheet
30Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
ON Semiconductor
5LP01S ONSEMI-5LP01S Datasheet
520Kb / 7P
   P-Channel Small Signal MOSFET
July, 2013
logo
Sanyo Semicon Device
5LP01S-TL-E SANYO-5LP01S-TL-E Datasheet
530Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
5LP01S-TL-E ONSEMI-5LP01S-TL-E Datasheet
520Kb / 7P
   P-Channel Small Signal MOSFET
July, 2013
logo
Sanyo Semicon Device
5LP01SP SANYO-5LP01SP Datasheet
39Kb / 4P
   5LP01SP
More results

Similar Description - 5LP01S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com