Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK419EG Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LNK419EG
Description  LinkSwitch-PH LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK419EG Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LNK419EG Datasheet HTML 7Page - Power Integrations, Inc. LNK419EG Datasheet HTML 8Page - Power Integrations, Inc. LNK419EG Datasheet HTML 9Page - Power Integrations, Inc. LNK419EG Datasheet HTML 10Page - Power Integrations, Inc. LNK419EG Datasheet HTML 11Page - Power Integrations, Inc. LNK419EG Datasheet HTML 12Page - Power Integrations, Inc. LNK419EG Datasheet HTML 13Page - Power Integrations, Inc. LNK419EG Datasheet HTML 14Page - Power Integrations, Inc. LNK419EG Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Rev. D 08/11
11
LNK403-409/413-419
www.powerint.com
Layout Considerations
Primary Side Connections
Use a single point (Kelvin) connection at the negative terminal of
the input filter capacitor for the SOURCE pin and bias returns.
This improves surge capabilities by returning surge currents
from the bias winding directly to the input filter capacitor. The
BYPASS pin capacitor should be located as close to the
BYPASS pin and connected as close to the SOURCE pin as
possible. The SOURCE pin trace should not be shared with the
main power FET switching currents. All FEEDBACK pin
Figure 12. RD-193 7 W Layout Example, Top Layer.
components that connect to the SOURCE pin should follow the
same rules as the BYPASS pin capacitor. It is critical that the
main power FET switching currents return to the bulk capacitor
with the shortest path as possible. Long high current paths
create excessive conducted and radiated noise.
Secondary Side Connections
The output rectifier and output filter capacitor should be as
close as possible. The transformer’s output return pin should
have a short trace to the return side of the output filter capacitor.
PI-5987-060110
F1
RV1
L1
C2
R3
R16
R2
L3
C9
R14
C3
VR1
D1
C8
U1
FL1
T1
5
6
1
2
3
4
C7
Transformer
C12
C5
C4
V
V
C6
R10
D8
VR3
R24
C14
L2
L
N
Output
Filter
Capacitors
BYPASS Pin
Capacitor
Copper Area for
Heat Sinking
Input EMI Filter
Bulk Capacitor
LNK403EG
Clamp


Similar Part No. - LNK419EG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK419E POWERINT-LNK419E Datasheet
1Mb / 20P
   Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
More results

Similar Description - LNK419EG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4317E POWERINT-LYT4317E Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Power Integrations, Inc...
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com