Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK454DG-TL Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LNK454DG-TL
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK454DG-TL Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LNK454DG-TL Datasheet HTML 7Page - Power Integrations, Inc. LNK454DG-TL Datasheet HTML 8Page - Power Integrations, Inc. LNK454DG-TL Datasheet HTML 9Page - Power Integrations, Inc. LNK454DG-TL Datasheet HTML 10Page - Power Integrations, Inc. LNK454DG-TL Datasheet HTML 11Page - Power Integrations, Inc. LNK454DG-TL Datasheet HTML 12Page - Power Integrations, Inc. LNK454DG-TL Datasheet HTML 13Page - Power Integrations, Inc. LNK454DG-TL Datasheet HTML 14Page - Power Integrations, Inc. LNK454DG-TL Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Rev. A 11/01/10
11
LNK454/456-458/460
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to +125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Maximum Output
Frequency
f
MAX
T
J = 25 °C
Average
110
122
134
kHz
Peak-Peak Jitter
6
%
Minimum Output
Frequency
f
MIN
T
J = 25 °C
Average
25.8
28.7
31.6
kHz
Peak-Peak Jitter
6
%
Maximum Switch
ON-Time
t
ON(MAX)
T
J = 25 °C
5.74
µs
Minimum Switch
ON-Time
t
ON(MIN)
T
J = 25 °C
1.2
µs
Maximum Duty Cycle
DC
MAX
70
%
FEEDBACK Pin Voltage
V
FB
T
J = 25 °C
Non-dimming (full power) operation
280
290
300
mV
FEEDBACK Pin Voltage
Triggering Cycle
Skipping Mode
V
FB(SK)
Non-dimming (full power) operation
520
mV
FEEDBACK Pin Voltage
for IC Auto-Restart
V
FB(AR)
2
V
Feedback Pull-up
Current
I
FB
-1.3
-1.0
-0.7
µA
Absolute Maximum Ratings(1,4)
DRAIN Pin Peak Current(5): LNK454 ............... 400 mA (750 mA)
LNK456 ..............850 mA (1450 mA)
LNK457 ........... 1350 mA (2000 mA)
LNK458 ............1750 mA (2650 mA)
LNK460 ............2700 mA (5100 mA)
DRAIN Pin Voltage ………………………............. -0.3 V to 725 V
FEEDBACK Pin Voltage ……………………… ............ -0.3 to 9 V
BYPASS Pin Voltage ……………………… ................. -0.3 to 9 V
Lead Temperature(3) ................................................................260
°C
Storage Temperature …………………................... -65 to 150 °C
Operating Junction Temperature(2).........................-40 to 150 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16 in. from case for 5 seconds.
4. The Absolute Maximum Ratings specified may be applied,
one at a time without causing permanent damage to the
product. Exposure to Absolute Maximum Ratings for
extended periods of time may affect product reliability.
5. The higher peak Drain current (in parentheses) is allowed
while the Drain voltage is simultaneously less than 400 V.
Thermal Resistance
Thermal Resistance: D (SO-8C) Package:
(
q
JA) .................................. 100 °C/W
(1)
, 80
°C/W(2)
(
q
JC) ........................................................ 30 °C/W
(3)
K (eSOP) Package:
(
q
JA) .................................... 69 °C/W
(1)
, 49
°C/W(2)
(
q
JC) ...........................................................2 °C/W
(4)
V (eDIP) Package:
(
q
JA) .................................... 76 °C/W
(1)
, 64
°C/W(2)
(
q
JC) ...........................................................2 °C/W
(4)
Notes:
1. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610g/m2) copper clad,
with no external heat sink attached.
2. Soldered to 1 sq. in. (645 mm2), 2 oz. (610g/m2) copper clad,
with no external heat sink attached.
3. Measured on the SOURCE pin close to plastic interface.
4. Measured at the surface of exposed pad.


Similar Part No. - LNK454DG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454DG POWERINT-LNK454DG Datasheet
1Mb / 12P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
More results

Similar Description - LNK454DG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454 Datasheet
1Mb / 12P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454 POWERINT-LNK454_11 Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
LYT3314 POWERINT-LYT3314 Datasheet
1Mb / 18P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Outstanding TRIAC Dimming in Isolated and Non-Isolated Topologies
April 2016
LNK403 POWERINT-LNK403_V01 Datasheet
1Mb / 20P
   Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LYT5216 POWERINT-LYT5216 Datasheet
838Kb / 14P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies
March 2016
logo
SHENZHEN FUMAN ELECTRON...
FM7605 FUMAN-FM7605 Datasheet
609Kb / 9P
   Non-isolated step-down four-stage dimming LED constant current driver IC
logo
Power Integrations, Inc...
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
logo
SHENZHEN FUMAN ELECTRON...
FM7606 FUMAN-FM7606 Datasheet
256Kb / 9P
   Non-isolated buck automatic cycle dimming LED constant current driver IC
logo
Shenzhen Tianyuan Semic...
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
   Three-stage switch dimming non-isolated buck LED constant current driver chip
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
   Single stage, primary control with PFC and dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com