Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCS701HG Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # LCS701HG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS701HG Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button LCS701HG Datasheet HTML 10Page - Power Integrations, Inc. LCS701HG Datasheet HTML 11Page - Power Integrations, Inc. LCS701HG Datasheet HTML 12Page - Power Integrations, Inc. LCS701HG Datasheet HTML 13Page - Power Integrations, Inc. LCS701HG Datasheet HTML 14Page - Power Integrations, Inc. LCS701HG Datasheet HTML 15Page - Power Integrations, Inc. LCS701HG Datasheet HTML 16Page - Power Integrations, Inc. LCS701HG Datasheet HTML 17Page - Power Integrations, Inc. LCS701HG Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Rev. B 062011
14
LCS700-708
www.powerint.com
For example, if BT2 is selected, and f
MAX is 800 kHz, then fSTART
= 300 kHz, and f
STOP = 350 kHz. If during normal operation the
load is reduced and the frequency rises to 350 kHz, the switching
will stop. This causes the output voltage to drop and the
feedback loop to decrease the FEEDBACK pin current. When
the current decreases to a value which corresponds to 300 kHz,
switching will commence, and the cycle will repeat. During
start-up mode, however, the outputs can switch at a frequency
between f
STOP and fMAX (250 kHz and 800 kHz in the above
example). Start-up mode is exited once the switching frequency
drops below f
STOP, and the HiperLCS will subsequently enter
burst mode if the feedback loop attempts to produce a
switching frequency >f
STOP.
f
MAX is the frequency at which the internal counters run when the
HiperLCS is in the off-state of the auto-restart cycle, or in the
power-up delay before switching.
The minimum recommended dead-time is 275 ns, and thus the
maximum f
MAX setting is 1 MHz.
To simplify the selection of R
FMAX, see the selection curves in Figure 17.
Figure 16. FEEDBACK Pin and DT/BF Pin Current vs. Frequency.
600
400
200
0
800
1000
0
50
150
100
200
250
300
350
400
450
Frequency (kHz)
250
300
350
400
500
450
Dead-Time (ns)
13.0
12.0
11.0
9.0
10.0
8.0
7.0
6.0
5.0
BT1
BT2
BT3
Figure 17. R
FMAX vs. Dead-Time, for the 3 Different Burst Threshold Settings.
Figure 18. f
START (Lower Burst Threshold Frequency) vs. Dead-Time Setting for
Different Burst Threshold Settings (BT1, BT2, BT3).
250
300
350
400
500
450
Dead-Time (ns)
500
450
350
400
300
250
200
150
BT1
BT2
BT3
The f
STOP to fSTART ratio is fixed, and dependent on the Burst
Threshold setting (see Table 5).
Table 5. Ratio of f
STOP /fSTART vs. Burst Threshold Selection.
As a first approximation, during burst mode, the frequency
ramps from f
START to fSTOP; then switching stops, and then the cycle
repeats.
FEEDBACK Pin
The FEEDBACK pin is the voltage regulation FEEDBACK pin. It
has a nominal Thevenin equivalent circuit of 0.65 V and 2.5 kW.
In normal operation, it sinks current. During the off-period of
auto-restart, and during the clocked delay before start-up, it pulls
up internally to V
REF in order to discharge the soft-start capacitor.
The current entering the pin determines switching frequency.
Higher current yields higher frequency and thus reduces LLC
output voltage. In a typical application an optocoupler connected
to the VREF pin pulls up on the FEEDBACK pin, via a resistor
network. The optocoupler is configured to source increasing
FEEDBACK pin current, as the output rises. The resistor network
between the optocoupler, FEEDBACK pin, and VREF pin,
determine the minimum and maximum FEEDBACK pin current
(and thus the minimum and maximum operating frequency), that
the optocoupler can command as it goes from cutoff to saturation.
This network also contains the soft-start timing capacitor, C
START
(Figure 19).
The minimum frequency as set by this network must be lower
than the frequency required by the powertrain at minimum input
voltage. In Figure 19 this is determined by the sum of R
FMIN and
R
START. The FEEDBACK pin current is determined by these two
resistors when the optocoupler is cut off. C
START can be ignored
during normal operation. Do not confuse R
START, which determines
Burst Threshold
Setting
f
STOP / fSTART
1
1.14
2
1.17
3
1.20


Similar Part No. - LCS701HG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LCS701HG POWERINT-LCS701HG Datasheet
2Mb / 30P
   Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
More results

Similar Description - LCS701HG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LCS700HG POWERINT-LCS700HG_V01 Datasheet
2Mb / 30P
   Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
logo
ON Semiconductor
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1399 ONSEMI-NCP1399_16 Datasheet
677Kb / 44P
   High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
February, 2016 ??Rev. 4
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
   High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com