Electronic Components Datasheet Search |
|
BAT42 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
BAT42 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 6 page BAT42, BAT43 Document Number 85660 Rev. 1.6, 05-Aug-10 Vishay Semiconductors www.vishay.com 1 94 9367 For technical questions within your region, please contact one of the following: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com Small Signal Schottky Diodes Features • For general purpose applications • These diodes feature very low turn-on voltage and fast guard ring against excessive voltage, such as electrostatic discharges • These diodes are also available in the SOD-123 case with the type designations BAT42W-V to BAT43W-V and in MiniMELF SOD-80 case with the type designations LL42 to LL43. • AEC-Q101 qualified • Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC • Halogen-free according to IEC 61249-2-21 definition Mechanical Data Case: DO-35 Weight: approx. 125 mg Cathode Band Color: black Packaging Codes/Options: TR/10 k per 13" reel (52 mm tape), 50 k/box TAP/10 k per Ammo tape (52 mm tape), 50 k/box Parts Table / Absolute Maximum Ratings Tamb = 25 °C, unless otherwise specified 1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature Part Ordering code Type Marking Remarks BAT42 BAT42-TR or BAT42-TAP BAT42 Tape and Reel/Ammopack BAT43 BAT43-TR or BAT43-TAP BAT43 Tape and Reel/Ammopack Parameter Test condition Symbol Value Unit Repetitive peak reverse voltage VRRM 30 V Forward continuous current IF 2001) mA Repetitive peak forward current tp < 1 s, δ < 0.5 IFRM 5001) mA Surge forward current tp < 10 ms IFSM 41) A Power dissipation1) Tamb = 65 °C Ptot 2001) mW |
Similar Part No. - BAT42 |
|
Similar Description - BAT42 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |