Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA979 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BA979
Description  RF PIN Diodes - Single in QuadroMELF SOD-80
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA979 Datasheet(HTML) 4 Page - Vishay Siliconix

  BA979_10 Datasheet HTML 1Page - Vishay Siliconix BA979_10 Datasheet HTML 2Page - Vishay Siliconix BA979_10 Datasheet HTML 3Page - Vishay Siliconix BA979_10 Datasheet HTML 4Page - Vishay Siliconix BA979_10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 84025
For technical questions, contact: EMI-filter@vishay.com
www.vishay.com
Rev. 1.2, 12-Jan-07
1
QuadroMELF SOD80
Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters (inches)
96 12071
Cathode identification
1.25 (0.049) min.
3.7 (0.146)
3.3 (0.130)
0.47 (0.019) max.
2.5 (0.098) max.
5 (0.197) ref.
Foot print recommendation:
> R3 (R0.118)
glass
The gap between plug and glass can
be either on cathode or anode side


Similar Part No. - BA979_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA979S VISHAY-BA979S Datasheet
152Kb / 5P
   RF PIN Diodes
Rev. 1.4, 26-Apr-04
BA979S VISHAY-BA979S Datasheet
140Kb / 5P
   RF PIN Diodes
Rev. 1.4, 26-Apr-04
BA979S VISHAY-BA979S Datasheet
100Kb / 4P
   RF PIN Diodes - Single in QuadroMELF SOD-80
Rev. 1.6, 21-May-12
BA979S-GS18 VISHAY-BA979S-GS18 Datasheet
100Kb / 4P
   RF PIN Diodes - Single in QuadroMELF SOD-80
Rev. 1.6, 21-May-12
BA979 VISHAY-BA979_08 Datasheet
140Kb / 5P
   RF PIN Diodes
Rev. 1.4, 26-Apr-04
More results

Similar Description - BA979_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA979S-GS18 VISHAY-BA979S-GS18 Datasheet
100Kb / 4P
   RF PIN Diodes - Single in QuadroMELF SOD-80
Rev. 1.6, 21-May-12
BA980 VISHAY-BA980_10 Datasheet
206Kb / 4P
   RF PIN Diode - Single in QuadroMELF SOD-80
Rev. 1.4, 05-Aug-10
BA980 VISHAY-BA980_V01 Datasheet
93Kb / 3P
   RF PIN Diode - Single in QuadroMELF SOD-80
02-Oct-12
BA679 VISHAY-BA679_15 Datasheet
83Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.8, 16-May-12
BA679S-GS08 VISHAY-BA679S-GS08 Datasheet
83Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.8, 16-May-12
BA679-GS08 VISHAY-BA679-GS08 Datasheet
81Kb / 4P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.8, 16-May-12
BA679-M VISHAY-BA679-M Datasheet
95Kb / 4P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.0, 02-Mar-15
BA679-M VISHAY-BA679-M_V01 Datasheet
88Kb / 4P
   RF PIN Diodes - Single in MiniMELF (SOD-80)
01-Jan-2022
BA679 VISHAY-BA679_10 Datasheet
113Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.7, 05-Aug-10
BA679 VISHAY-BA679_V01 Datasheet
87Kb / 4P
   RF PIN Diodes - Single in MiniMELF (SOD-80)
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com