Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK1-001N-BRC Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # TK1-001N-BRC
Description  Side Mounted Liquid Level Float Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TK1-001N-BRC Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  TK1-001N-BRC Datasheet HTML 1Page - Magnetrol International, Inc. TK1-001N-BRC Datasheet HTML 2Page - Magnetrol International, Inc. TK1-001N-BRC Datasheet HTML 3Page - Magnetrol International, Inc. TK1-001N-BRC Datasheet HTML 4Page - Magnetrol International, Inc. TK1-001N-BRC Datasheet HTML 5Page - Magnetrol International, Inc. TK1-001N-BRC Datasheet HTML 6Page - Magnetrol International, Inc. TK1-001N-BRC Datasheet HTML 7Page - Magnetrol International, Inc. TK1-001N-BRC Datasheet HTML 8Page - Magnetrol International, Inc. TK1-001N-BRC Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1.3
Mounting
The Model TK1 Liquid Level Switch is available with a
112" or 2" threaded mounting bushing as well as several
flange mountings.
1.3.1 Threaded Mounting
Apply either Teflon® tape or appropriate lubricant to
mounting threads to prevent galling. Engage thread by hand
to avoid damage. Using a pipe wrench, rotate the unit
clockwise until threads are tight in mounting. Ensure that
the N.O. marking on body is upward for normally opened
operation on models with SPST switches. For normally
closed operation, ensure that the N.C. marking is upward.
Models with SPDT or DPDT switches should be mounted
with the N.O. marking upward.
1.3.2 Flanged Mounting
Have proper flange bolting and gasket(s) on hand. Carefully
align the bolt holes of the TK1 flange with those of the
vessel mounting flange. Ensure that the N.O. marking on
body is upward for normally opened operation on models
with SPST switches. For normally closed operation, ensure
that the N.C. marking is upward. Models with SPDT or
DPDT switches should be mounted with the N.O. marking
upward. Ensure that the flange gasket is seated properly.
Install flange bolting.
Caution: Operation of all buoyancy type level devices should be done
in such a way as to minimize the action of dynamic forces on
the float or displacer sensing element. Good practice for
reducing the likelihood of damage to the control is to equal-
ize pressure across the device very slowly.
1.4
Wiring
NOTE: A switch or circuit breaker shall be installed in close proximity to
equipment and within easy reach of operator. It shall be marked
as the disconnecting device for the equipment.
NOTE: For supply connections in installations with ambient tempera-
ture up to +70° C, use wire with a minimum rating of 75° C as
required by the process conditions. Installations with ambient
temperatures up to +80° C require wire with a minimum rating
of 85° C as required by the process conditions. Use a minimum
of 14 AWG wire for power and ground field wires.
1. SPST reed switch: Connect wiring to switch leads or terminals
per wiring diagram. See figure 1.
2. SPDT reed switch: Connect wiring to proper switch leads
or terminals per wiring diagram. See figures 2 and 4.
3. DPDT relay: Connect wiring to proper switch leads and
run power supply according to the wiring diagram. See
figure 3. This relay must be powered to function. 5A @
24 VDC relay requires 24 VDC power supply while the
5A @ 120 VAC relay requires 120 VAC power supply.
NOTE: Observe all applicable electrical codes and proper wiring
procedures.
44-608 TK1 Liquid Level Switch
4
Figure 1
SPST wiring diagram
Figure 2
SPDT wiring diagram
Figure 3
DPDT wiring diagram
Figure 4
SPDT Flying leads wiring diagram
toswitch
toswitch
NO
NC
notused
C
toswitch
BROWN
N.O.
GRAY
COM.
YELLOW
N.C.
BLUE
N.O.
WHITE
COM.
ORANGE
N.C.
RED
120VACor
24VDC
LEVELSWITCH
N.O.
RED
red
NC (make on low)
orange
NO (make on high)
black
C


Similar Part No. - TK1-001N-BRC

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TK1-001N-BRJ MAGNETROL-TK1-001N-BRJ Datasheet
133Kb / 4P
   Model TK1 Side-Mounted Float Level Switch
More results

Similar Description - TK1-001N-BRC

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TK1-001N-BRJ MAGNETROL-TK1-001N-BRJ Datasheet
133Kb / 4P
   Model TK1 Side-Mounted Float Level Switch
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
logo
Magnetrol International...
C29-1N30-JDG MAGNETROL-C29-1N30-JDG Datasheet
309Kb / 24P
   Float Actuated Liquid Level Switches
logo
Fuji Electric
EDS7-3I FUJI-EDS7-3I Datasheet
103Kb / 4P
   LIQUID LEVEL TRANSMITTER (FLOAT TYPE)
logo
Magnetrol International...
T10-5104-020 MAGNETROL-T10-5104-020 Datasheet
180Kb / 4P
   T10 Float Level Switch
B24-1B10-JEG MAGNETROL-B24-1B10-JEG Datasheet
499Kb / 36P
   External Cage Float Actuated Liquid Level Switches
C29-1B2D-JDE MAGNETROL-C29-1B2D-JDE Datasheet
251Kb / 8P
   Flanged External Cage Float Actuated Liquid Level Switches
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
   Liquid Level Control Switch
3/18/2021
logo
Magnetrol International...
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
   B40 Liquid Level Switch
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com