Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL3Z07 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # KL3Z07
Description  TSS KL Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

KL3Z07 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  KL3Z07 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd KL3Z07 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd KL3Z07 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd KL3Z07 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd KL3Z07 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd KL3Z07 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
(Unit : mm)
SMD
TSS KL Series
KL3Z07
Case : 1F
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40~125
Junction Temperature
Tj
125
Maximum Off-State Voltage
VDRM
5V
Surge On-State Current
ITSM
10/1000μs, Non-repetitive
30
A
8/20μs, Non-repetitive
150
●Electrical Characteristics (Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Breakdown Voltage
VBR
IBR = 1mA
Min 5.5
V
Off-State Current
IDRM
VD = VDRM
Max 10
μA
Holding Current
IH
Pulse measurement
Min 50
mA
On-State Voltage
VT
IT = 2A
TYP 1.5
V
Junction Capacitance
Cj
f = 1kHz
Max 100
pF
OSC = 20mV, VD = 0V


Similar Part No. - KL3Z07

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
KL3Z07 SHINDENGEN-KL3Z07_17 Datasheet
330Kb / 4P
   TSS KL SERIES
More results

Similar Description - KL3Z07

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
KU10N14 SHINDENGEN-KU10N14_17 Datasheet
311Kb / 4P
   TSS KL SERIES
KL3L07 SHINDENGEN-KL3L07_17 Datasheet
309Kb / 4P
   TSS KL SERIES
KL3L07 SHINDENGEN-KL3L07 Datasheet
122Kb / 1P
   TSS KL Series
KL3Z18 SHINDENGEN-KL3Z18_17 Datasheet
330Kb / 4P
   TSS KL SERIES
KU10L08 SHINDENGEN-KU10L08_17 Datasheet
312Kb / 4P
   TSS KL SERIES
KL3N14 SHINDENGEN-KL3N14 Datasheet
254Kb / 6P
   TSS KL Series
KL3Z18 SHINDENGEN-KL3Z18 Datasheet
258Kb / 6P
   TSS KL Series
KL3N14 SHINDENGEN-KL3N14_17 Datasheet
310Kb / 4P
   TSS KL SERIES
KL3Z07 SHINDENGEN-KL3Z07_17 Datasheet
330Kb / 4P
   TSS KL SERIES
KP10R25 SHINDENGEN-KP10R25 Datasheet
255Kb / 6P
   TSS KP Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com