Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2013 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SA2013
Description  DC / DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2013 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SA2013 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2013 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2013 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2013 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2013 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA2013 / 2SC5566
No.6307-4/5
10
1.0
0.01
2
7
5
3
2
7
5
3
2
0.1
7
5
3
2
1.0
0.1
10
100
25
37
25
37
25
37
ICP=7A
100ms
10ms1ms
500
µ
s
IC=4A
DC
operation
IT00168
0
2.0
1.5
1.3
1.0
0.5
20
060
40
80
100
140
120
160
IT00169
2SA2013 / 2SC5566
VBE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
A S O
PC -- Ta
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V
2SA2013 / 2SC5566
Tc=25
°C
Single pulse
For PNP, the minus sign is omitted.
Mounted
on
a ceramic
board
(250mm
2!
0.8mm)
Cob -- VCB
f T -- IC
f T -- IC
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
10
1.0
0.1
0.01
0.1
1.0
10
Ta= --25°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
2SC5566
IC / IB=50
IT00163
--10
--1.0
--0.1
--0.01
--0.1
--1.0
--10
Ta= --25°C
25°C
75°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
2SA2013
IC / IB=50
IT00162
25°C
7
3
100
10
2
5
1000
7
5
3
2
--0.01
25 7
7
7
3
--0.1
25
32
5
3
--1.0
--10
57
IT00166
2SA2013
VCE= --10V
7
3
100
10
2
5
1000
7
5
3
2
0.01
25 7
7
7
3
0.1
25
32
5
3
1.0
10
5
IT00167
2SC5566
VCE=10V
5
3
2
7
5
3
2
7
5
3
2
100
10
0.1
23
3
77
3
7
75
5
1.0
2
10
2
5
100
5
IT00165
2SC5566
f=1MHz
5
3
2
7
5
3
2
2
7
5
3
100
10
--0.1
23
7
5
7
52
3
7
52
3
7
5
--1.0
--10
--100
IT00164
2SA2013
f=1MHz


Similar Part No. - 2SA2013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2013 SANYO-2SA2013 Datasheet
50Kb / 5P
   DC/DC Converter Applications
2SA2013 SANYO-2SA2013 Datasheet
473Kb / 8P
   DC / DC Converter Applications
logo
ON Semiconductor
2SA2013 ONSEMI-2SA2013 Datasheet
364Kb / 8P
   Bipolar Transistor
September, 2013
2SA2013-TD-E ONSEMI-2SA2013-TD-E Datasheet
364Kb / 8P
   Bipolar Transistor
September, 2013
2SA2013-TD-E ONSEMI-2SA2013-TD-E Datasheet
364Kb / 8P
   Bipolar Transistor
September, 2013
More results

Similar Description - 2SA2013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com