Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM1608B Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM1608B
Description  64Kb Bytewide 5V F-RAM Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1608B Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM1608B Datasheet HTML 3Page - Ramtron International Corporation FM1608B Datasheet HTML 4Page - Ramtron International Corporation FM1608B Datasheet HTML 5Page - Ramtron International Corporation FM1608B Datasheet HTML 6Page - Ramtron International Corporation FM1608B Datasheet HTML 7Page - Ramtron International Corporation FM1608B Datasheet HTML 8Page - Ramtron International Corporation FM1608B Datasheet HTML 9Page - Ramtron International Corporation FM1608B Datasheet HTML 10Page - Ramtron International Corporation FM1608B Datasheet HTML 11Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
FM1608B – 64Kb Bytewide 5V F-RAM
Rev. 1.2
Mar. 2011
Page 8 of 11
Capacitance (TA = 25° C, f=1.0 MHz, VDD = 5V)
Symbol
Parameter
Min
Max
Units
Notes
CI/O
Input/Output Capacitance (DQ)
-
8
pF
CIN
Input Capacitance
-
6
pF
AC Test Conditions
Input Pulse Levels
0 to 3V
Input rise and fall times
10 ns
Input and output timing levels
1.5V
Read Cycle Timing
CE
A(12:0)
OE
DQ(7:0)
tAS
tAH
tCE
tOE
tCA
tRC
tPC
tOHZ
tHZ
Write Cycle Timing - /CE Controlled Timing
CE
A(12:0)
WE
DQ(7:0)
tAS
tAH
tCA
tWC
tPC
OE
tWS
tDS
tDH
tWH
Equivalent AC Load Circuit


Similar Part No. - FM1608B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM1608B-SG CYPRESS-FM1608B-SG Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
More results

Similar Description - FM1608B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com