Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM31L276 Datasheet(PDF) 25 Page - Ramtron International Corporation

Part # FM31L276
Description  3V Integrated Processor Companion with Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31L276 Datasheet(HTML) 25 Page - Ramtron International Corporation

Back Button FM31L276 Datasheet HTML 18Page - Ramtron International Corporation FM31L276 Datasheet HTML 19Page - Ramtron International Corporation FM31L276 Datasheet HTML 20Page - Ramtron International Corporation FM31L276 Datasheet HTML 21Page - Ramtron International Corporation FM31L276 Datasheet HTML 22Page - Ramtron International Corporation FM31L276 Datasheet HTML 23Page - Ramtron International Corporation FM31L276 Datasheet HTML 24Page - Ramtron International Corporation FM31L276 Datasheet HTML 25Page - Ramtron International Corporation FM31L276 Datasheet HTML 26Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
FM31L278/L276/L274/L272 - 3V I2C Companion
Rev. 2.1
Sept. 2011
Page 25 of 26
Mechanical Drawing
14-pin SOIC (JEDEC Standard MS-012, Variation AB)
Pin 1
3.90 ±0.13
6.00 ±0.20
8.64 ±0.10
0.10
0.25
1.35
1.75
0.33
0.51
1.27
0.10 mm
0.25
0.50
45
0.40
1.27
0.19
0.25
0
- 8
Recommended PCB Footprint
7.70
0.65
1.27
2.00
3.70
. . .
. . .
Refer to JEDEC MS-012 for complete dimensions and notes.
All dimensions in millimeters.
SOIC Package Marking Scheme
Legend:
XXXXXX= part number, P= package type (G=”Green”/RoHS)
R=rev, LLLLLLL= lot code
RIC=Ramtron Int‟l Corp, YY=year, WW=work week
Example: FM31L278, “Green” SOIC package, Year 2011, Work Week 06
FM31L278-G
D70023G
RIC 1106
XXXXXXX-P
RLLLLLLL
RIC YYWW


Similar Part No. - FM31L276

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31L276 RAMTRON-FM31L276 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L276 CYPRESS-FM31L276 Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L276-G RAMTRON-FM31L276-G Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L276-G CYPRESS-FM31L276-G Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L276-GTR RAMTRON-FM31L276-GTR Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
More results

Similar Description - FM31L276

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com