Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM31L278 Datasheet(PDF) 15 Page - Ramtron International Corporation

Part # FM31L278
Description  3V Integrated Processor Companion with Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31L278 Datasheet(HTML) 15 Page - Ramtron International Corporation

Back Button FM31L278_11 Datasheet HTML 11Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 12Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 13Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 14Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 15Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 16Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 17Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 18Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 19Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
FM31L278/L276/L274/L272 - 3V I2C Companion
Rev. 2.1
Sept. 2011
Page 15 of 26
01h
CAL/Control
D7
D6
D5
D4
D3
D2
D1
D0
OSCEN
Reserved
CALS
CAL.4
CAL.3
CAL.2
CAL.1
CAL.0
/OSCEN
/Oscillator Enable. When set to 1, the oscillator is halted. When set to 0, the oscillator runs. Disabling the
oscillator can save battery power during storage. On a power-up without battery, this bit is set to 1. Battery-
backed, read/write.
Reserved
Reserved bits. Do not use. Should remain set to 0.
CALS
Calibration sign. Determines if the calibration adjustment is applied as an addition to or as a subtraction from
the time-base. Calibration is explained on page 7. Nonvolatile, read/write.
CAL.4-0
These five bits control the calibration of the clock. Nonvolatile, read/write.
00h
Flags/Control
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
CF
Reserved
Reserved
Reserved
CAL
W
R
CF
Century Overflow Flag. This bit is set to a 1 when the values in the years register overflows from 99 to 00. This
indicates a new century, such as going from 1999 to 2000 or 2099 to 2100. The user should record the new
century information as needed. This bit is cleared to 0 when the Flag register is read. It is read-only for the user.
Battery-backed.
CAL
Calibration Mode. When set to 1, the clock enters calibration mode. When CAL is set to 0, the clock operates
normally, and the CAL/PFO pin is controlled by the power fail comparator. Battery-backed, read/write.
W
Write Time. Setting the W bit to 1 freezes the clock. The user can then write the timekeeping registers with
updated values. Resetting the W bit to 0 causes the contents of the time registers to be transferred to the
timekeeping counters and restarts the clock. Battery-backed, read/write.
R
Read Time. Setting the R bit to 1 copies a static image of the timekeeping core and place it into the user
registers. The user can then read them without concerns over changing values causing system errors. The R bit
going from 0 to 1 causes the timekeeping capture, so the bit must be returned to 0 prior to reading again.
Battery-backed, read/write.
Reserved
Reserved bits. Do not use. Should remain set to 0.


Similar Part No. - FM31L278_11

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31L278-G RAMTRON-FM31L278-G Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L278-G CYPRESS-FM31L278-G Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L278-GTR RAMTRON-FM31L278-GTR Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L278-GTR CYPRESS-FM31L278-GTR Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
More results

Similar Description - FM31L278_11

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com