Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

403CMQ100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 403CMQ100
Description  Schottky Rectifier, 400 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

403CMQ100 Datasheet(HTML) 4 Page - Vishay Siliconix

  403CMQ100 Datasheet HTML 1Page - Vishay Siliconix 403CMQ100 Datasheet HTML 2Page - Vishay Siliconix 403CMQ100 Datasheet HTML 3Page - Vishay Siliconix 403CMQ100 Datasheet HTML 4Page - Vishay Siliconix 403CMQ100 Datasheet HTML 5Page - Vishay Siliconix 403CMQ100 Datasheet HTML 6Page - Vishay Siliconix 403CMQ100 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93055
4
Revision: 19-Nov-09
403CMQ100
Vishay High Power Products
Schottky Rectifier, 400 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
AverageForwardCurrent-I
F(AV)
(A)
0
40
80
120
160
200
0100
200
300
DC
see note (1)
Square wave (D = 0.50)
Rated V applied
R
AverageForwardCurrent-I
F(AV)
(A)
0
50
100
150
200
0
50
100
150
200
250
300
DC
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
SquareWavePulseDuration-t
p
(microsec)
1000
10000
100000
10
100
1000
10000
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 403CMQ100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
403CMQ100 IRF-403CMQ100 Datasheet
126Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
403CMQ100 SENSITRON-403CMQ100 Datasheet
185Kb / 4P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
403CMQ100 SMC-403CMQ100 Datasheet
218Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 403CMQ100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400CNQ045PBF VISHAY-400CNQ045PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS403 VISHAY-VSKCS403 Datasheet
157Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
VSKCS408 VISHAY-VSKCS408 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
409CNQPBF VISHAY-409CNQPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS409 VISHAY-VSKCS409 Datasheet
161Kb / 6P
   Schottky Rectifier, 400 A
Revision: 27-Oct-08
VSKJS403 VISHAY-VSKJS403 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 25-Apr-08
logo
Nell Semiconductor Co.,...
NKSD400-100 NELLSEMI-NKSD400-100 Datasheet
384Kb / 6P
   Schottky Rectifier, 400 A
logo
Vishay Siliconix
409CNQ135PBF VISHAY-409CNQ135PBF_12 Datasheet
126Kb / 7P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS400 VISHAY-VSKCS400 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 23-Apr-08
401CNQPBF VISHAY-401CNQPBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com