Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM28V020-SGTR Datasheet(PDF) 7 Page - Ramtron International Corporation

Part # FM28V020-SGTR
Description  256Kbit Bytewide F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM28V020-SGTR Datasheet(HTML) 7 Page - Ramtron International Corporation

Back Button FM28V020-SGTR Datasheet HTML 3Page - Ramtron International Corporation FM28V020-SGTR Datasheet HTML 4Page - Ramtron International Corporation FM28V020-SGTR Datasheet HTML 5Page - Ramtron International Corporation FM28V020-SGTR Datasheet HTML 6Page - Ramtron International Corporation FM28V020-SGTR Datasheet HTML 7Page - Ramtron International Corporation FM28V020-SGTR Datasheet HTML 8Page - Ramtron International Corporation FM28V020-SGTR Datasheet HTML 9Page - Ramtron International Corporation FM28V020-SGTR Datasheet HTML 10Page - Ramtron International Corporation FM28V020-SGTR Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FM28V020 - 32Kx8 F-RAM
Rev. 2.1
June 2011
Page 7 of 14
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +4.5V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +4.5V and
VIN < VDD+1V
TSTG
Storage Temperature
-55C to +125C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
2kV
1.25kV
200V
Package Moisture Sensitivity Level
MSL-2 (SOIC)
MSL-3 (TSOP)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40 C to +85 C, VDD = 2.0V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply
2.0
3.3
3.6
V
IDD
VDD Supply Current
7
12
mA
1
ISB
Standby Current – CMOS
90
150
A
2
ILI
Input Leakage Current
1
A
3
ILO
Output Leakage Current
1
A
3
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOH1
Output High Voltage (IOH = -1 mA, VDD=2.7V)
2.4
V
VOH2
Output High Voltage (IOH = -100 A)
VDD-0.2
V
VOL1
Output Low Voltage (IOL = 1 mA, VDD=2.7V)
0.4
V
VOL2
Output Low Voltage (IOL = 150 A)
0.2
V
Notes
1.
VDD = 3.6V, /CE cycling at minimum cycle time. All inputs at CMOS levels (0.2V or VDD-0.2V), all DQ pins unloaded.
2.
VDD = 3.6V, /CE at VDD, All other pins at CMOS levels (0.2V or VDD-0.2V).
3.
VIN, VOUT between VDD and VSS.


Similar Part No. - FM28V020-SGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V020-SGTR RAMTRON-FM28V020-SGTR Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020-SGTR CYPRESS-FM28V020-SGTR Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
More results

Similar Description - FM28V020-SGTR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com