Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25VN02-DG Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM25VN02-DG
Description  256Kb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25VN02-DG Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM25VN02-DG Datasheet HTML 4Page - Ramtron International Corporation FM25VN02-DG Datasheet HTML 5Page - Ramtron International Corporation FM25VN02-DG Datasheet HTML 6Page - Ramtron International Corporation FM25VN02-DG Datasheet HTML 7Page - Ramtron International Corporation FM25VN02-DG Datasheet HTML 8Page - Ramtron International Corporation FM25VN02-DG Datasheet HTML 9Page - Ramtron International Corporation FM25VN02-DG Datasheet HTML 10Page - Ramtron International Corporation FM25VN02-DG Datasheet HTML 11Page - Ramtron International Corporation FM25VN02-DG Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
FM25V02 - 256Kb SPI FRAM
Rev. 2.0
May 2010
Page 8 of 17
Figure 9. Memory Write with 2-Byte Address
Figure 10. Memory Read with 2-Byte Address
Figure 11. Fast Read with 2-Byte Address and Dummy Byte
7
6
0
1
2
3
4567
0
1
2
3
5
4
567
0
1
2
3456
7
op-code
0
0
0
0
1
0
1
MSB
15-bit Address
1
X
X
X
X
7
654321
0
LSB
MSB
LSB
Data
1
2
S
C
D
Q
0
Dummy byte
X
14 13 12
7
6
0
1
2
3
4567
0
1
2
34
5
4
567
0
1
2
3456
7
op-code
0
0
0
0
0
0
1
MSB
15-bit Address
7
654321
0
LSB
MSB
LSB
Data
1
S
C
D
Q
8
3
1
2
0
10
X
14 13 12 11
9
0
1
2
3
4
567
0
1
2
34
5
op-code
0
0
0
0
0
0
1
0
MSB
15-bit Address
10
9
6
X
14 13 12 11
S
C
D
Q
7
8
1
2
3
4
567
0
1
2
34
5
6
7
0
76
54
321
0
LSB MSB
LSB
Data


Similar Part No. - FM25VN02-DG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25VN02-DG CYPRESS-FM25VN02-DG Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25VN02-DGTR CYPRESS-FM25VN02-DGTR Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25VN02-DG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com