Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25L16B-G Datasheet(PDF) 6 Page - Ramtron International Corporation

Part # FM25L16B-G
Description  16Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16B-G Datasheet(HTML) 6 Page - Ramtron International Corporation

Back Button FM25L16B-G Datasheet HTML 2Page - Ramtron International Corporation FM25L16B-G Datasheet HTML 3Page - Ramtron International Corporation FM25L16B-G Datasheet HTML 4Page - Ramtron International Corporation FM25L16B-G Datasheet HTML 5Page - Ramtron International Corporation FM25L16B-G Datasheet HTML 6Page - Ramtron International Corporation FM25L16B-G Datasheet HTML 7Page - Ramtron International Corporation FM25L16B-G Datasheet HTML 8Page - Ramtron International Corporation FM25L16B-G Datasheet HTML 9Page - Ramtron International Corporation FM25L16B-G Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FM25L16B - 16Kb 3V SPI F-RAM
Rev. 1.3
Mar. 2011
Page 6 of 14
RDSR - Read Status Register
The RDSR command allows the bus master to verify
the contents of the Status Register. Reading Status
provides information about the current state of the
write protection features. Following the RDSR op-
code, the FM25L16B will return one byte with the
contents of the Status Register. The Status Register is
described in detail in a later section.
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status Register. Prior to issuing a WRSR
command, the /WP pin must be high or inactive.
Note that on the FM25L16B, /WP only prevents
writing to the Status Register, not the memory array.
Prior to sending the WRSR command, the user must
send a WREN command to enable writes. Note that
executing a WRSR command is a write operation
and therefore clears the Write Enable Latch. The bus
configuration of RDSR and WRSR are shown
below.
Figure 7. RDSR Bus Configuration
Figure 8. WRSR Bus Configuration (WREN not shown)
Status Register & Write Protection
The write protection features of the FM25L16B are
multi-tiered. First, a WREN op-code must be issued
prior to any write operation. Assuming that writes are
enabled using WREN,
writes to
memory are
controlled by the Status Register. As described
above, writes to the status register are performed
using the WRSR command and subject to the /WP
pin. The Status Register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
WPEN
0
0
0
BP1
BP0
WEL
0
Bits 0 and 4-6 are fixed at 0 and cannot be modified.
Note that bit 0 (Ready in EEPROMs) is unnecessary
as the F-RAM writes in real-time and is never busy.
The WPEN, BP1 and BP0 control write protection
features. They are nonvolatile (shaded yellow). The
WEL flag indicates the state of the Write Enable
Latch. Attempting to directly write the WEL bit in
the status register has no effect on its state. This bit
is internally set and cleared via the WREN and
WRDI commands, respectively.
BP1 and BP0 are memory block write protection
bits. They specify portions of memory that are write
protected as shown in the following table.
Table 3. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
600h to 7FFh (upper ¼)
1
0
400h to 7FFh (upper ½)
1
1
000h to 7FFh (all)


Similar Part No. - FM25L16B-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25L16B-G CYPRESS-FM25L16B-G Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM25L16B-G CYPRESS-FM25L16B-G Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM25L16B-GTR CYPRESS-FM25L16B-GTR Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM25L16B-GTR CYPRESS-FM25L16B-GTR Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25L16B-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com