Electronic Components Datasheet Search |
|
T52-1E3N-KOG Datasheet(PDF) 8 Page - Magnetrol International, Inc. |
|
T52-1E3N-KOG Datasheet(HTML) 8 Page - Magnetrol International, Inc. |
8 / 24 page 8 44-602 Side Mounting Liquid Level Controls 2.4 Differential Adjustment The level differential of single switch models may be adjusted by repositioning the jam nuts on the magnetic sleeve stem as shown in Figure 6. Refer to the chart below for the minimum and maximum levels obtainable. Pivot Magnetic sleeve stem Pivot Differential Float stem length minus approx. 3/4" Low level of control L C High level Float Magnetic sleeve Guide washer Lower jam nuts Upper jam nuts A B Figure 6 NOTES: All models are factory set at minimum differential unless otherwise specified. To maintain maximum differential, nozzle length "L" (Fig. 3) must not exceed: 2.38" (60 mm) model T52; 1.19" (30 mm) model T63; 2.50" (64 mm) model T62 threaded; or 3.50" (89 mm) model T62 flanged. Dimensions given are approximate and will vary slightly with each unit. Consult factory for differentials of models not shown. Tandem models (T67, T68) are not field adjustable. Caution: Before attempting any work on the control, be certain to pull disconnect switch or otherwise assure that electrical circuit(s) through control is deactivated. Close operating medium supply valve on controls equipped with pneu- matic switch mechanisms. Differentials Obtainable Approx. Jam Model Float Stem Length Nut Setting 8.00 12.00 18.00 26.00 AB ( 230) (305) (457) (660) Min. 1.25 1.75 2.50 3.50 0.81 0.03 (32) (44) (64) (89) (21) (0.8) T52 Max. 4.75 7.00 10.25 14.50 1.31 1.06 (121) (178) (260) (368) (33) (27) Min. 1.00 1.75 2.50 3.50 0.81 0.03 (25) (44) (64) (89) (21) (0.8) T63 Max. 2.62 5.00 7.38 10.50 1.31 1.06 (67) (127) (187) (267) (33) (27) Min. 1.25 2.00 2.88 4.00 0.81 0.03 T62 (32) (51) (73) (102) (21) (0.8) (Threaded) Max. 5.81 8.12 11.56 16.12 1.31 1.06 (148) (206) (294) (409) (33) (27) Min. 1.25 1.62 2.62 3.75 0.62 0.03 T62 (32) (41) (67) (95) (16) (0.8) (Flanged) Max. 3.50 5.12 7.50 10.75 1.12 0.69 (89) (130) (191) (273) (28) (18) Inches (millimeters) |
Similar Part No. - T52-1E3N-KOG |
|
Similar Description - T52-1E3N-KOG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |