Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T63-4H4R-JEE Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # T63-4H4R-JEE
Description  Side Mounting Liquid Level Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T63-4H4R-JEE Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  T63-4H4R-JEE Datasheet HTML 1Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 2Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 3Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 4Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 5Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 6Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 7Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BASIC ELECTRICAL RATINGS
SWITCH ENCLOSURES
TYPE 4X/7/9 aluminum enclosures
Designed to meet Class I, Div. 1, Groups C & D and
Class I, Div. 1 Group B
Optional housing heaters and drains available for some
enclosures
Pneumatic switch mechanisms available with a NEMA 1
enclosure
SERIES J & K PNEUMATIC SWITCHES
Suited for applications where electrical power
is not available
Bleed and non-bleed designs
Process temperatures to +400° F (+204° C)
SERIES B, C, D & R DRY CONTACT SWITCHES
Designs for AC and DC current applications
Process temperatures to +1000° F (+538° C)
S P E C I F I C A T I O N S
S W I T C H M E C H A N I S M S A N D E N C L O S U R E S
3
SERIES F, HS, H1, 8 & 9 HERMETICALLY SEALED SWITCHES
Ideal for use in salt and other corrosive atmospheres
Entire switch mechanism and contacts are contained
within a positively pressurized capsule with Series “HS”
and “H1”
Process temperatures to +1000° F (+538° C)
Voltage
Switch Series and Non-Inductive Ampere Rating
B
C
D
F
HS
H1
R
8
9
120 VAC
15.00
15.00
10.00
0.25
5.00
1.00
1.00
1.00
240 VAC
15.00
15.00
5.00
1.00
1.00
24 VDC
6.00
10.00
10.00
4.00
5.00
1.00
1.00
3.00
0.50
120 VDC
0.50
1.00
10.00
0.30
0.50
0.40
0.40
240 VDC
0.25
0.50
3.00
0.25


Similar Part No. - T63-4H4R-JEE

ManufacturerPart #DatasheetDescription
logo
EPCOS
T63-C350X EPCOS-T63-C350X Datasheet
25Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T63-C350XS EPCOS-T63-C350XS Datasheet
33Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T63-C600X EPCOS-T63-C600X Datasheet
23Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T63-C650X EPCOS-T63-C650X Datasheet
25Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results

Similar Description - T63-4H4R-JEE

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
logo
TE Connectivity Ltd
VS TEC-VS_V01 Datasheet
210Kb / 6P
   VERTICAL LIQUID LEVEL SWITCHES
logo
Sensortechnics GmbH
OLP25X0L3 SENSORTECHNICS-OLP25X0L3 Datasheet
70Kb / 4P
   Polysulphone optical liquid level switches
logo
Magnetrol International...
A15-1E2P-BKQ MAGNETROL-A15-1E2P-BKQ Datasheet
666Kb / 28P
   Displacer Type Liquid Level Switches
logo
Sensortechnics GmbH
OLT25X0L3 SENSORTECHNICS-OLT25X0L3 Datasheet
62Kb / 4P
   Trogamid optical liquid level switches
logo
Magnetrol International...
C29-1N30-JDG MAGNETROL-C29-1N30-JDG Datasheet
309Kb / 24P
   Float Actuated Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com