Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T31-002N-10A Datasheet(PDF) 24 Page - Magnetrol International, Inc.

Part # T31-002N-10A
Description  Tuffy짰 II Liquid Level Controls with Electric Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T31-002N-10A Datasheet(HTML) 24 Page - Magnetrol International, Inc.

Back Button T31-002N-10A Datasheet HTML 20Page - Magnetrol International, Inc. T31-002N-10A Datasheet HTML 21Page - Magnetrol International, Inc. T31-002N-10A Datasheet HTML 22Page - Magnetrol International, Inc. T31-002N-10A Datasheet HTML 23Page - Magnetrol International, Inc. T31-002N-10A Datasheet HTML 24Page - Magnetrol International, Inc. T31-002N-10A Datasheet HTML 25Page - Magnetrol International, Inc. T31-002N-10A Datasheet HTML 26Page - Magnetrol International, Inc. T31-002N-10A Datasheet HTML 27Page - Magnetrol International, Inc. T31-002N-10A Datasheet HTML 28Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
B
Interface Level
T3
B
0
FUNCTION/FLOAT
3
ANSI 3"
4
ANSI 4"
5
ANSI 5"
6
ANSI 6"
PROCESS CONNECTION SIZE
0.81 0.82 0.83 0.84 0.85 0.86 0.87 0.88 0.89 0.90
Specific Gravity
AB
C
D
E
FGH
J
K
Code
0.91 0.92 0.93 0.94 0.95 0.96 0.97 0.98 0.99 1.00
Specific Gravity
L
M
N
PRS
T
U
V
W
Code
LOWER FLUID SPECIFIC GRAVITY
A
ANSI RF Flange, 150#
B
ANSI RF Flange, 300#
PROCESS CONNECTION TYPE
Œ
2.8 Model Numbers
2.8.3 Interface Models
Process Connection:
ANSI Flanges
Wetted Materials:
Carbon steel and/or 316/316L SS
Max. Float Pressure:
750 psi (52 bar)
Œ
Min. SG of Lower Liquid:
0.81
Min SG difference:
0.1
Level Differential:
1.72" (HL=0.82" LL=1.06")
44-607 Tuffy II Liquid Level Switch
24
T 3
Tuffy
II Electric Liquid Level Switch
PROCESS CONNECTION MATERIAL/DESIGN CODE
SWITCH TYPE
HOUSING MATERIAL/APPROVAL
See opposite page
complete order code for
Tuffy
II Float Level Switch
BASIC MODEL NUMBER
Œ
Rated pressure limited by maximum Float or Flange pressure, whichever is less.


Similar Part No. - T31-002N-10A

ManufacturerPart #DatasheetDescription
logo
EPCOS
T31-A230X EPCOS-T31-A230X Datasheet
58Kb / 4P
   SURGE ARRESTER 3-electrode arrester
T31-A350X EPCOS-T31-A350X Datasheet
58Kb / 4P
   SURGE ARRESTER 3-electrode arrester
More results

Similar Description - T31-002N-10A

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
   Tuffy짰 Liquid Level Controls with Pneumatic Switch
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
   Tuffy II짰 Liquid Level Controls with Electric Switches
logo
Littelfuse
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
   Liquid Level Controls
2016 Rev: 1-A-062116
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
   Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
logo
Magnetrol International...
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
   Tuffy Liquid Level Controls with Pneumatic Switch
logo
Littelfuse
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
   Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
   Open Board Liquid Level Controls
2016 Rev: 1-A-062716
logo
Magnetrol International...
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com