Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM24CL64B-GA Datasheet(PDF) 10 Page - Ramtron International Corporation

Part # FM24CL64B-GA
Description  64Kb Serial 3V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24CL64B-GA Datasheet(HTML) 10 Page - Ramtron International Corporation

Back Button FM24CL64B-GA Datasheet HTML 4Page - Ramtron International Corporation FM24CL64B-GA Datasheet HTML 5Page - Ramtron International Corporation FM24CL64B-GA Datasheet HTML 6Page - Ramtron International Corporation FM24CL64B-GA Datasheet HTML 7Page - Ramtron International Corporation FM24CL64B-GA Datasheet HTML 8Page - Ramtron International Corporation FM24CL64B-GA Datasheet HTML 9Page - Ramtron International Corporation FM24CL64B-GA Datasheet HTML 10Page - Ramtron International Corporation FM24CL64B-GA Datasheet HTML 11Page - Ramtron International Corporation FM24CL64B-GA Datasheet HTML 12Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FM24CL64B - 64Kb 3V I2C F-RAM (Automotive Temp.)
Rev. 1.1
June 2011
Page 10 of 12
AC Test Conditions
Equivalent AC Test Load Circuit
Input Pulse Levels
0.1 VDD to 0.9 VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Diagram Notes
All start and stop timing parameters apply to both read and write cycles.
Clock specifications are identical for read and write cycles. Write
timing parameters apply to slave address, word address, and write data
bits. Functional relationships are illustrated in the relevant datasheet
sections. These diagrams illustrate the timing parameters only.
Read Bus Timing
t
SU:SDA
Start
t
R
`
t
F
Stop Start
t
BUF
t
HIGH
1/fSCL
t
LOW
t
SP
t
SP
Acknowledge
t
HD:DAT
t
SU:DAT
t
AA
t
DH
SCL
SDA
Write Bus Timing
t
SU:STO
Start
Stop Start
Acknowledge
t
AA
t
HD:DAT
t
HD:STA
t
SU:DAT
SCL
SDA
Data Retention
Parameter
Min
Max
Units
Notes
Data Retention
@
TA = +55C
@
TA = +105C
@
TA = +125C
17
10,000
1,000
-
-
-
Years
Hours
Hours
Note: Data retention qualification tests are accelerated tests and are performed such that all three conditions have been applied:
(1) 17 years at a temperature of +55C, (2) 10,000 hours at +105C, and (3) 1,000 hours at +125C.
Typical Grade 1 Operating Profile
0
200
400
600
800
1000
1200
1400
1600
70
75
80
85
90
95 100 105 110 115 120 125
Temperature (°C)
Typical Grade 1 Storage Profile
0
5000
10000
15000
20000
25000
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
Temperature (°C)
3.6V
Output
1.8 Kohm
100 pF


Similar Part No. - FM24CL64B-GA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24CL64B-GA CYPRESS-FM24CL64B-GA Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24CL64B-GATR CYPRESS-FM24CL64B-GATR Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24CL64B-GA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B Datasheet
509Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com